Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LW064 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M58LW064
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M58LW064 Datasheet HTML 16Page - STMicroelectronics M58LW064 Datasheet HTML 17Page - STMicroelectronics M58LW064 Datasheet HTML 18Page - STMicroelectronics M58LW064 Datasheet HTML 19Page - STMicroelectronics M58LW064 Datasheet HTML 20Page - STMicroelectronics M58LW064 Datasheet HTML 21Page - STMicroelectronics M58LW064 Datasheet HTML 22Page - STMicroelectronics M58LW064 Datasheet HTML 23Page - STMicroelectronics M58LW064 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
M58LW064A, M58LW064B
20/53
Table 13. Status Register Definition
Note: 1. DQ0-DQ6 are High Impedance when DQ7 is indicating that the part is busy. Status Register P/ECS bit7 indicates the P/E. C. status,
check during Program or Erase, and on completion before checking bit4 or bit5 for Program or Erase Success.
2. DQ6 indicates the Erase Suspend Status. On an Erase Suspend instruction P/ECS and ESS bits are set to ’1’. ESS bit remains ’1’
until an Erase Resume instruction is given.
3. Erase Status, ES bit5 is set to ’1’ if the P/E. C. has applied the maximum number of erase pulses to the block without achieving an
erase verify.
4. Program Status, PS bit4 is set to ’1’ if the P/E.C . has failed to program a Word or Double-Word.
5. DQ2 indicates the Program Suspend Status. On a Program Suspend instruction P/ECS and PSS bits are set to ’1’. PSS bit remains
’1’ until an Program Resume instruction is given.
6. DQ1 defines the status of an Erase or Write to Buffer and Program instruction defined in a protected block. RP pin must be held at
VHH to temporarily override the block protect feature once it has been enabled.
7. DQ5 and DQ4 simultaneously at ’1’ after an Erase or Block Unprotect instruction indicates that an improper command was entered.
Mnemonic
DQ
Fun ction
Status
P/ECS
DQ7
P/E.C. Status
1 = Ready
0 = Busy (1)
ESS
DQ6
Erase Suspend Status
1 = Block Erase Suspended
0 = Block Erase in Progress/Completed (2)
ES
DQ5
Erase/Block Unprotect Status (7)
1 = Error in Block Erase operation or Block
Unprotect
0 = Successful Block Erase operation or Block
Unprotect (3)
PS
DQ4
Write to Buffer and Program/Block
Protect Status (7)
1 = Error in Write to Buffer and Program, Block
Protect (4)
0 = Write to Buffer and Program, Block Protect
Completed successfully
DQ3
Not used
PSS
DQ2
Program Suspend Status
1 = Program Suspended
0 = Program operation in Progress/Completed (5)
EPPB
DQ1
Erase/Write to Buffer and Program in a
Protected Block
1 = Error in the defined operation
0 = Operation in Progress/Completed (6)
DQ0
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com