Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6971TST6 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6971TST6
Description  High-Efficiency 3A, 24V Input Synchronous Step Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6971TST6 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6971TST6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev 1.1
www.dioo.com
© 2018 DIOO MICROCIRCUITS CO., LTD
DIO6971• V1.1
 
DIO6971
High-Efficiency 3A, 24V Input Synchronous
Step Down Converter
Features
Low RDS(ON) for internal switches (top/bottom)
80mΩ/40mΩ, 3.0A
4.5-24V input voltage range
High-Efficiency Synchronous-Mode
Internal soft start limits the inrush current
Over Current protection
Thermal shutdown
Available in TSOT23-6 packages
Applications
Portable Navigation Device
Set Top Box
Portable TV
LCD TV
Descriptions
The DIO6971 is high-efficiency, high frequency
synchronous step-down DC-DC regulator ICs
capable of delivering up to 3A output currents.
The DIO6971 family operate over a wide input
voltage range from 4.5V to 24V and integrate main
switch and synchronous switch with very low
RDS(ON) to minimize the conduction loss.
The COT architecture with Pseudo fixed switching
frequency operation provides fast transient
response and eases loop stabilization. Protection
features include over-current protection and
thermal shutdown.
The DIO6971 requires a minimal number of
readily-available, standard, external components
and is available in a space-saving TSOT23-6
package.
Function Block
Ordering Information
Order Part
Number
Top Marking
TA
Package
DIO6971TST6
71YW
Green
-40 to 85°C
TSOT23-6
Tape & Reel, 3000


Similar Part No. - DIO6971TST6

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO6970 DIOO-DIO6970 Datasheet
631Kb / 11P
High-Efficiency 2A, 24V Input Synchronous Step Down Converter
Rev 1.1
DIO6970TST6 DIOO-DIO6970TST6 Datasheet
631Kb / 11P
High-Efficiency 2A, 24V Input Synchronous Step Down Converter
Rev 1.1
More results

Similar Description - DIO6971TST6

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2325 MPS-MP2325 Datasheet
1Mb / 17P
High Efficiency 3A, 24V, 500kHz Synchronous Step-Down Converter
MP92325 MPS-MP92325 Datasheet
725Kb / 16P
24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MPQ2315 MPS-MPQ2315 Datasheet
780Kb / 21P
High Efficiency 3A, 24V, 500kHz Synchronous Step Down Converter
MPQ2325 MPS-MPQ2325 Datasheet
1Mb / 17P
24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MP2315 MPS-MP2315 Datasheet
657Kb / 18P
High Efficiency 3A, 24V, 500kHz Synchronous Step Down Converter
MP2315S MPS-MP2315S Datasheet
649Kb / 16P
3A, 24V, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
12/21/2015 Rev. 1.0
logo
ACE Technology Co., LTD...
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7224Y ACE-ACE7224Y Datasheet
220Kb / 4P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com