Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6971TST6 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6971TST6
Description  High-Efficiency 3A, 24V Input Synchronous Step Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6971TST6 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6971TST6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DIO6971
www.dioo.com
© 2018 DIOO MICROCIRCUITS CO., LTD
DIO6971• V1.1
 
Typical Application
Typical Performance Characteristics
Start up from VIN
Shut down from VIN
(VIN=12V,VOUT=3.3V,Load=1Ω)
(VIN=12V,VOUT=3.3V,Load=1Ω)
Start up from Enable
Shut down from Enable
(VIN=12V,VOUT=3.3V,Load=1Ω)
(VIN=12V,VOUT=3.3V,Load=1Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com