Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6971TST6 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6971TST6
Description  High-Efficiency 3A, 24V Input Synchronous Step Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6971TST6 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6971TST6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DIO6971
www.dioo.com
© 2018 DIOO MICROCIRCUITS CO., LTD
DIO6971• V1.1
 
Electrical Characteristics
VIN = 12V, VOUT = 1.2V, L = 2.2μH, COUT = 47μF, TA = 25°C, IOUT=1A unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage Range
4.5
24
V
IQ
Quiescent Current
IOUT=0, VFB=VREF⋅105%
140
µA
ISHDN
Shutdown Current
EN=0
5
10
µA
VREF
Feedback Reference Voltage
0.788
0.8
0.812
V
IFB
FB Input Current
VFB=3.3V
-50
50
nA
RDS(ON)
Top FET RON
80
mΩ
RDS(ON)
Bottom FET RON
40
mΩ
ILIM
Low side power FET current limit
3.0
4.0
A
VENH
EN Rising Threshold
1.5
V
VENL
EN Falling Threshold
0.4
V
VUVLO
VIN Under-Voltage Unlock
Threshold, Rising
4.45
V
fSW
Switching Frequency
500
kHz
Min ON Time
40
ns
Min OFF Time
180
ns
TSS
Soft Start Time
1
ms
TSD
Thermal Shutdown Temperature
148
°C
THYS
Thermal Shutdown Hysteresis
20
°C
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com