Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6971TST6 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6971TST6
Description  High-Efficiency 3A, 24V Input Synchronous Step Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6971TST6 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6971TST6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6971TST6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DIO6971
www.dioo.com
© 2018 DIOO MICROCIRCUITS CO., LTD
DIO6971• V1.1
 
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maxim rating conditions for extended periods may affect device reliability.
Parameter
Rating
Unit
Supply Voltage (V+ – V-)
28
V
EN, SW Voltage
VIN+0.3
V
FB Voltage
6
V
BS Voltage
SW+6
V
Power Dissipation, PD @ TA = 25°C, TSOT23-6
1
W
Package Thermal Resistance
ӨJA
100
°C/W
ӨJC
11.2
Storage Temperature Range
-65 to 150
°C
Junction Temperature Range
150
°C
Lead Temperature Range
260
°C
HBM ESD, JESD22-A114
VIN Pin
±1.5
kV
Other Pins
±2
Recommend Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended Operating
conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not Recommend exceeding
them or designing to Absolute Maximum Ratings.
Parameter
Rating
Unit
Supply Voltage
4.5 to 24
V
Junction Temperature Range
-40 to 125
°C
Ambient Temperature Range
-40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com