Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM642GDKA500 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS320DM642GDKA500
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642GDKA500 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320DM642GDKA500 Datasheet HTML 1Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 2Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 3Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 4Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 5Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 6Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 7Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 8Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 176 page
background image
www.ti.com
Contents
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200L – JULY 2002 – REVISED JANUARY 2007
1
TMS320DM642 Video/Imaging Fixed-Point Digital
5
DM642 Peripheral Information and Electrical
Signal Processor
......................................... 1
Specifications
........................................... 73
1.1
Features
.............................................. 1
5.1
Parameter Information
.............................. 73
5.2
Recommended Clock and Control Signal Transition
1.2
Description
............................................ 2
Behavior
............................................. 75
1.2.1
Device Compatibility
................................. 3
5.3
Power Supplies
...................................... 75
1.3
Functional Block Diagram
............................ 4
5.4
Enhanced Direct Memory Access (EDMA)
2
Device Overview
......................................... 6
Controller
............................................ 79
2.1
Device Characteristics
................................ 6
5.5
Interrupts
............................................ 83
2.2
CPU (DSP Core) Description
......................... 7
5.6
Reset
................................................ 85
2.3
Memory Map Summary
............................. 13
5.7
Clock PLL
........................................... 88
2.4
Bootmode
........................................... 16
5.8
External Memory Interface (EMIF)
.................. 94
2.5
Pin Assignments
.................................... 16
5.9
Multichannel Audio Serial Port (McASP0)
2.6
Development
........................................ 50
Peripheral
.......................................... 110
3
Device Configurations
................................. 54
5.10
Inter-Integrated Circuit (I2C)
....................... 118
3.1
Configurations at Reset
............................. 54
5.11
Host-Port Interface (HPI)
........................... 123
3.2
Configurations After Reset
.......................... 56
5.12
Peripheral Component Interconnect (PCI)
......... 129
3.3
Peripheral Configuration Lock
....................... 59
5.13
Multichannel Buffered Serial Port (McBSP)
........ 133
3.4
Device Status Register Description
................. 61
5.14
Video Port
.......................................... 142
3.5
Multiplexed Pin Configurations
...................... 63
5.15
VCXO Interpolated Control (VIC)
.................. 150
3.6
Debugging Considerations
.......................... 65
5.16
Ethernet Media Access Controller (EMAC)
........ 152
3.7
Configuration Examples
............................. 66
5.17
Management Data Input/Output (MDIO)
........... 158
4
Device Operating Conditions
........................ 70
5.18
Timer
............................................... 160
4.1
Absolute Maximum Ratings Over Operating Case
5.19
General-Purpose Input/Output (GPIO)
............. 162
Temperature Range
5.20
JTAG
............................................... 165
(Unless Otherwise Noted)
.......................... 70
Revision History
............................................ 167
4.2
Recommended Operating Conditions
............... 70
6
Mechanical Data
....................................... 168
4.3
Electrical Characteristics Over Recommended
Ranges of Supply Voltage and Operating Case
6.1
Thermal Data
...................................... 168
Temperature (Unless Otherwise Noted)
............ 71
6.2
Packaging Information
............................. 169
Submit Documentation Feedback
Contents
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com