Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM642GDKA500 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320DM642GDKA500
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642GDKA500 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320DM642GDKA500 Datasheet HTML 7Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 8Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 9Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 10Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 11Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 12Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 13Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 14Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 176 page
background image
www.ti.com
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200L – JULY 2002 – REVISED JANUARY 2007
Table 2-2. L2 Cache Registers (C64x) (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
0184 8244
MAR145
Controls EMIFA CE1 range 9100 0000 – 91FF FFFF
0184 8248
MAR146
Controls EMIFA CE1 range 9200 0000 – 92FF FFFF
0184 824C
MAR147
Controls EMIFA CE1 range 9300 0000 – 93FF FFFF
0184 8250
MAR148
Controls EMIFA CE1 range 9400 0000 – 94FF FFFF
0184 8254
MAR149
Controls EMIFA CE1 range 9500 0000 – 95FF FFFF
0184 8258
MAR150
Controls EMIFA CE1 range 9600 0000 – 96FF FFFF
0184 825C
MAR151
Controls EMIFA CE1 range 9700 0000 – 97FF FFFF
0184 8260
MAR152
Controls EMIFA CE1 range 9800 0000 – 98FF FFFF
0184 8264
MAR153
Controls EMIFA CE1 range 9900 0000 – 99FF FFFF
0184 8268
MAR154
Controls EMIFA CE1 range 9A00 0000 – 9AFF FFFF
0184 826C
MAR155
Controls EMIFA CE1 range 9B00 0000 – 9BFF FFFF
0184 8270
MAR156
Controls EMIFA CE1 range 9C00 0000 – 9CFF FFFF
0184 8274
MAR157
Controls EMIFA CE1 range 9D00 0000 – 9DFF FFFF
0184 8278
MAR158
Controls EMIFA CE1 range 9E00 0000 – 9EFF FFFF
0184 827C
MAR159
Controls EMIFA CE1 range 9F00 0000 – 9FFF FFFF
0184 8280
MAR160
Controls EMIFA CE2 range A000 0000 – A0FF FFFF
0184 8284
MAR161
Controls EMIFA CE2 range A100 0000 – A1FF FFFF
0184 8288
MAR162
Controls EMIFA CE2 range A200 0000 – A2FF FFFF
0184 828C
MAR163
Controls EMIFA CE2 range A300 0000 – A3FF FFFF
0184 8290
MAR164
Controls EMIFA CE2 range A400 0000 – A4FF FFFF
0184 8294
MAR165
Controls EMIFA CE2 range A500 0000 – A5FF FFFF
0184 8298
MAR166
Controls EMIFA CE2 range A600 0000 – A6FF FFFF
0184 829C
MAR167
Controls EMIFA CE2 range A700 0000 – A7FF FFFF
0184 82A0
MAR168
Controls EMIFA CE2 range A800 0000 – A8FF FFFF
0184 82A4
MAR169
Controls EMIFA CE2 range A900 0000 – A9FF FFFF
0184 82A8
MAR170
Controls EMIFA CE2 range AA00 0000 – AAFF FFFF
0184 82AC
MAR171
Controls EMIFA CE2 range AB00 0000 – ABFF FFFF
0184 82B0
MAR172
Controls EMIFA CE2 range AC00 0000 – ACFF FFFF
0184 82B4
MAR173
Controls EMIFA CE2 range AD00 0000 – ADFF FFFF
0184 82B8
MAR174
Controls EMIFA CE2 range AE00 0000 – AEFF FFFF
0184 82BC
MAR175
Controls EMIFA CE2 range AF00 0000 – AFFF FFFF
0184 82C0
MAR176
Controls EMIFA CE3 range B000 0000 – B0FF FFFF
0184 82C4
MAR177
Controls EMIFA CE3 range B100 0000 – B1FF FFFF
0184 82C8
MAR178
Controls EMIFA CE3 range B200 0000 – B2FF FFFF
0184 82CC
MAR179
Controls EMIFA CE3 range B300 0000 – B3FF FFFF
0184 82D0
MAR180
Controls EMIFA CE3 range B400 0000 – B4FF FFFF
0184 82D4
MAR181
Controls EMIFA CE3 range B500 0000 – B5FF FFFF
0184 82D8
MAR182
Controls EMIFA CE3 range B600 0000 – B6FF FFFF
0184 82DC
MAR183
Controls EMIFA CE3 range B700 0000 – B7FF FFFF
0184 82E0
MAR184
Controls EMIFA CE3 range B800 0000 – B8FF FFFF
0184 82E4
MAR185
Controls EMIFA CE3 range B900 0000 – B9FF FFFF
0184 82E8
MAR186
Controls EMIFA CE3 range BA00 0000 – BAFF FFFF
0184 82EC
MAR187
Controls EMIFA CE3 range BB00 0000 – BBFF FFFF
0184 82F0
MAR188
Controls EMIFA CE3 range BC00 0000 – BCFF FFFF
0184 82F4
MAR189
Controls EMIFA CE3 range BD00 0000 – BDFF FFFF
0184 82F8
MAR190
Controls EMIFA CE3 range BE00 0000 – BEFF FFFF
0184 82FC
MAR191
Controls EMIFA CE3 range BF00 0000 – BFFF FFFF
Submit Documentation Feedback
Device Overview
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com