Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM642GDKA500 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320DM642GDKA500
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642GDKA500 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320DM642GDKA500 Datasheet HTML 1Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 2Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 3Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 4Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 5Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 6Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 7Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 8Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 176 page
background image
www.ti.com
1
TMS320DM642 Video/Imaging Fixed-Point Digital Signal Processor
1.1 Features
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200L – JULY 2002 – REVISED JANUARY 2007
–
1024M-Byte Total Addressable External
• High-Performance Digital Media Processor
Memory Space
–
2-, 1.67-, 1.39-ns Instruction Cycle Time
• Enhanced Direct-Memory-Access (EDMA)
–
500-, 600-, 720-MHz Clock Rate
Controller (64 Independent Channels)
–
Eight 32-Bit Instructions/Cycle
–
4000, 4800, 5760 MIPS
• 10/100 Mb/s Ethernet MAC (EMAC)
–
Fully Software-Compatible With C64x™
–
IEEE 802.3 Compliant
–
Media Independent Interface (MII)
• VelociTI.2™ Extensions to VelociTI™
–
8 Independent Transmit (TX) Channels and
Advanced Very-Long-Instruction-Word (VLIW)
1 Receive (RX) Channel
TMS320C64x™ DSP Core
–
Eight Highly Independent Functional Units
• Management Data Input/Output (MDIO)
With VelociTI.2™ Extensions:
• Three Configurable Video Ports
• Six ALUs (32-/40-Bit), Each Supports
–
Providing a Glueless I/F to Common Video
Single 32-Bit, Dual 16-Bit, or Quad 8-Bit
Decoder and Encoder Devices
Arithmetic per Clock Cycle
–
Supports Multiple Resolutions/Video Stds
• Two Multipliers Support Four 16 x 16-Bit
• VCXO Interpolated Control Port (VIC)
Multiplies (32-Bit Results) per Clock
–
Supports Audio/Video Synchronization
Cycle or Eight 8 x 8-Bit Multiplies (16-Bit
Results) per Clock Cycle
• Host-Port Interface (HPI) [32-/16-Bit]
–
Load-Store Architecture With Non-Aligned
• 32-Bit/66-MHz, 3.3-V Peripheral Component
Support
Interconnect (PCI) Master/Slave Interface
–
64 32-Bit General-Purpose Registers
Conforms to PCI Specification 2.2
–
Instruction Packing Reduces Code Size
• Multichannel Audio Serial Port (McASP)
–
All Instructions Conditional
–
Eight Serial Data Pins
• Instruction Set Features
–
Wide Variety of I2S and Similar Bit Stream
–
Byte-Addressable (8-/16-/32-/64-Bit Data)
Format
–
8-Bit Overflow Protection
–
Integrated Digital Audio I/F Transmitter
Supports S/PDIF, IEC60958-1, AES-3,
–
Bit-Field Extract, Set, Clear
CP-430 Formats
–
Normalization, Saturation, Bit-Counting
• Inter-Integrated Circuit (I2C Bus™)
–
VelociTI.2™ Increased Orthogonality
• Two Multichannel Buffered Serial Ports
• L1/L2 Memory Architecture
–
128K-Bit (16K-Byte) L1P Program Cache
• Three 32-Bit General-Purpose Timers
(Direct Mapped)
• Sixteen General-Purpose I/O (GPIO) Pins
–
128K-Bit (16K-Byte) L1D Data Cache (2-Way
• Flexible PLL Clock Generator
Set-Associative)
• IEEE-1149.1 (JTAG) Boundary-
–
2M-Bit (256K-Byte) L2 Unified Mapped
Scan-Compatible
RAM/Cache (Flexible RAM/Cache
Allocation)
• 548-Pin Ball Grid Array (BGA) Package
(GDK and ZDK Suffixes), 0.8-mm Ball Pitch
• Endianess: Little Endian, Big Endian
• 548-Pin Ball Grid Array (BGA) Package
• 64-Bit External Memory Interface (EMIF)
(GNZ and ZNZ Suffixes), 1.0-mm Ball Pitch
–
Glueless Interface to Asynchronous
Memories (SRAM and EPROM) and
• 0.13-µm/6-Level Cu Metal Process (CMOS)
Synchronous Memories (SDRAM, SBSRAM,
• 3.3-V I/O, 1.2-V Internal (-500)
ZBT SRAM, and FIFO)
• 3.3-V I/O, 1.4-V Internal (A-500, A-600, -600,
-720)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
Windows is a registered trademark of Microsoft Corporation.
I2C Bus is a trademark of Philips Electronics N.V..
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320DM642GDKA500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM642GDKA500 TI-TMS320DM642GDKA500 Datasheet
1Mb / 178P
Video/Imaging Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320DM642GDKA500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM642 TI-TMS320DM642 Datasheet
1Mb / 178P
Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM641 TI-TMS320DM641_05 Datasheet
2Mb / 179P
Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM643 TI-TMS320DM643_07 Datasheet
1Mb / 162P
Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM641 TI-TMS320DM641_08 Datasheet
2Mb / 179P
Video/Imaging Fixed-Point Digital Signal Processors
SM320DM642-EP TI-SM320DM642-EP Datasheet
1Mb / 170P
Video/Imaging Fixed Point Digital Signal Processor
SM320DM642-EP TI-SM320DM642-EP_10 Datasheet
1Mb / 170P
Video/Imaging Fixed Point Digital Signal Processor
SM320DM642-HIREL TI1-SM320DM642-HIREL Datasheet
1Mb / 170P
SM320DM642-HiRel Video/Imaging Fixed Point Digital Signal Processor
TMS320DM643AZDK5 TI1-TMS320DM643AZDK5 Datasheet
1Mb / 164P
Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM640AZNZ4 TI1-TMS320DM640AZNZ4 Datasheet
1Mb / 179P
Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM642 TI1-TMS320DM642_17 Datasheet
1Mb / 178P
Video/Imaging Fixed-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com