Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM642GDKA500 Datasheet(PDF) 98 Page - Texas Instruments

Part # TMS320DM642GDKA500
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642GDKA500 Datasheet(HTML) 98 Page - Texas Instruments

Back Button TMS320DM642GDKA500 Datasheet HTML 94Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 95Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 96Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 97Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 98Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 99Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 100Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 101Page - Texas Instruments TMS320DM642GDKA500 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 176 page
background image
www.ti.com
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200L – JULY 2002 – REVISED JANUARY 2007
5.8.3.2
Programmable Synchronous Interface Timing
Table 5-24. Timing Requirements for Programmable Synchronous Interface Cycles for EMIFA Module
(see Figure 5-19)
–600
–500, A-600
–720
NO.
UNIT
MIN
MAX
MIN
MAX
6
tsu(EDV-EKOxH)
Setup time, read AEDx valid before AECLKOUTx high
3.1
2
ns
7
th(EKOxH-EDV)
Hold time, read AEDx valid after AECLKOUTx high
1.8
1.5
ns
Table 5-25. Switching Characteristics Over Recommended Operating Conditions for Programmable
Synchronous Interface Cycles for EMIFA Module
(1) (see Figure 5-19–Figure 5-21)
–600
–500, A-600
–720
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
1
td(EKOxH-CEV)
Delay time, AECLKOUTx high to ACEx valid
1.1
6.4
1.1
4.9
ns
2
td(EKOxH-BEV)
Delay time, AECLKOUTx high to ABEx valid
6.4
4.9
ns
3
td(EKOxH-BEIV)
Delay time, AECLKOUTx high to ABEx invalid
1.1
1.1
ns
4
td(EKOxH-EAV)
Delay time, AECLKOUTx high to AEAx valid
6.4
4.9
ns
5
td(EKOxH-EAIV)
Delay time, AECLKOUTx high to AEAx invalid
1.1
1.1
ns
8
td(EKOxH-ADSV)
Delay time, AECLKOUTx high to ASADS/ASRE valid
1.1
6.4
1.1
4.9
ns
9
td(EKOxH-OEV)
Delay time, AECLKOUTx high to ASOE valid
1.1
6.4
1.1
4.9
ns
10
td(EKOxH-EDV)
Delay time, AECLKOUTx high to AEDx valid
6.4
4.9
ns
11
td(EKOxH-EDIV)
Delay time, AECLKOUTx high to AEDx invalid
1.1
1.1
ns
12
td(EKOxH-WEV)
Delay time, AECLKOUTx high to ASWE valid
1.1
6.4
1.1
4.9
ns
(1)
The following parameters are programmable via the EMIF CE Space Secondary Control register (CExSEC):
•
Read latency (SYNCRL): 0-, 1-, 2-, or 3-cycle read latency
•
Write latency (SYNCWL): 0-, 1-, 2-, or 3-cycle write latency
•
ACEx assertion length (CEEXT): For standard SBSRAM or ZBT SRAM interface, ACEx goes inactive after the final command has
been issued (CEEXT = 0). For synchronous FIFO interface with glue, ACEx is active when ASOE is active (CEEXT = 1).
•
Function of ASADS/ASRE (RENEN): For standard SBSRAM or ZBT SRAM interface, ASADS/ASRE acts as ASADS with deselect
cycles (RENEN = 0). For FIFO interface, ASADS/ASRE acts as ASRE with NO deselect cycles (RENEN = 1).
•
Synchronization clock (SNCCLK): Synchronized to AECLKOUT1 or AECLKOUT2
DM642 Peripheral Information and Electrical Specifications
98
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com