Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F24 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F24 Datasheet HTML 1Page - Renesas Technology Corp F24 Datasheet HTML 2Page - Renesas Technology Corp F24 Datasheet HTML 3Page - Renesas Technology Corp F24 Datasheet HTML 4Page - Renesas Technology Corp F24 Datasheet HTML 5Page - Renesas Technology Corp F24 Datasheet HTML 6Page - Renesas Technology Corp F24 Datasheet HTML 7Page - Renesas Technology Corp F24 Datasheet HTML 8Page - Renesas Technology Corp F24 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 210 page
background image
RL78/F23, F24
1. OVERVIEW
R01DS0446EJ0120 Rev.1.20
Page 3 of 207
Dec 31, 2025
1.3 Function Overview
1.3.1 RL78/F24 Functions List
Table 1-4. RL78/F24 Functions List (1/2)
Function Items
Series Name
R7F124FPJ
R7F124FMJ
R7F124FLJ
R7F124FGJ
R7F124FBJ
Pin Count
100 pins
80 pins
64 pins
48 pins
32 pins
Code flash
256 KB
Data flash
16 KB
RAM
24 KB
Supply voltage range
2.7 V to 5.5 V
Maximum operation frequency
40 MHz
System clock
Main system
clock oscillator
Crystal / ceramic /
square wave
2 to 20 MHz (operating at 2.7 V to 5.5 V)
High-speed
on-chip oscillator
Normal high accuracy
40 MHz (typ.)
Low-speed
on-chip oscillator
For low-speed operation
15 kHz (typ.)
Subsystem clock oscillator
32.768 kHz Note 6
None
PLL
Yes
Clock for
peripherals
Low-speed
on-chip oscillator
For peripherals other than
WDT
15 kHz (typ.)
For WDT
15 kHz (typ.)
POR
When power supply is rising
1.56 V (typ.)
When power supply is falling
1.55 V (typ.)
LVD
VDD voltage
detection
When power supply is rising
2.81 V (typ.) to 4.74 V (typ.) (in 6 steps)
When power supply is falling
2.75 V (typ.) to 4.64 V (typ.) (in 6 steps)
Functional safety
Note 7
WWDT (window watchdog timer)
Yes
Flash memory fast CRC operation function
Yes
General purpose CRC operation
Yes
Flash memory ECC function
Yes
RAM 1-bit error correction function
Yes
RAM 2-bit error detection function
Yes
RS-CANFD lite RAM 1-bit error correction
function
Yes
RS-CANFD lite RAM 2-bit error detection
function
Yes
Invalid memory access detection function
Yes
Frequency detection function
Yes
Clock monitor function
Yes
Stack pointer monitor function
Yes
A/D test function
Yes
I/O ports
Input/Output
CMOS
86 ch
68 ch
52 ch
38 ch
25 ch
Output
CMOS
1 ch
None
Input
Shared with oscillator pins
4 ch Note 6
2 ch
Input only
1ch
Power supply
pins
For internal circuits
VDD, VSS, REGC
For I/O ports
EVDD0, EVSS0
EVDD1, EVSS1
EVDD0, EVSS0
None
For analog circuits (AD, DA, COMP)
VDD, VSS (AVREFP, AVREFM for AD)
Multiply/divide
and multiply-
accumulate
functions
Multiply
16 bits
× 16 bits (signed)
16 bits
× 16 bits (unsigned)
Divide
32 bits
÷ 32 bits (unsigned)
Multiply-accumulate
16 bits
× 16 bits + 32 bits (signed)
16 bits
× 16 bits + 32 bits (unsigned)
Arithmetic instructions (extended instruction set)
Yes
Vectored
interrupt sources
External
16 ch Notes 4, 5
16 ch Notes 4, 5
15 ch Notes 3, 5
14 ch Note 2
10 ch Note 1
Internal
53 ch Note 4
53 ch Note 4
53 ch Note 3
53 ch Note 2
53 ch Note 1
Key return detection
8 ch
6 ch
DTC
44 sources
43 sources
Timer
TAU
16 bits (8 ch
× 2)
RTC
1 ch
Timer RJ
16 bits
× 1
Timer RDe
16 bits
× 2 (with PWMOPA and dithering / gate function)
(Notes are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com