Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F24 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 52Page - Renesas Technology Corp F24 Datasheet HTML 53Page - Renesas Technology Corp F24 Datasheet HTML 54Page - Renesas Technology Corp F24 Datasheet HTML 55Page - Renesas Technology Corp F24 Datasheet HTML 56Page - Renesas Technology Corp F24 Datasheet HTML 57Page - Renesas Technology Corp F24 Datasheet HTML 58Page - Renesas Technology Corp F24 Datasheet HTML 59Page - Renesas Technology Corp F24 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 210 page
background image
RL78/F23, F24
3. ELECTRICAL SPECIFICATIONS (GRADE 3)
R01DS0446EJ0120 Rev.1.20
Page 56 of 207
Dec 31, 2025
(TA = -40 to +105
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Window watchdog timer
operating current
IWDT Notes 1, 2
fWDT = 15 kHz
0.3
µA
A/D converter operating current
IADC Note 3
When conversion at
maximum speed
AVREFP = VDD = 5.0 V
1.3
1.7
mA
When internal reference voltage is selected Note 5
75.0
µA
AVREFP current
IADREF Note 7
AVREFP = 5.0 V
65.0
µA
Sample-and-hold circuit
operating current
IADSH Note 8
0.8
1.2
mA
LVD operating current
ILVD Note 4
0.08
µA
D/A converter operating current
IDAC
0.8
1.5
mA
Comparator operating current
ICMP
50.0
µA
BGO operating current
IBGO Note 6
2.5
12.2
mA
Notes 1. When the high-speed on-chip oscillator clock and high-speed system clock are stopped.
2. Current flowing only to the watchdog timer (including the operation current of the 15 kHz on-chip oscillator).
The current value is the sum of IDD1, IDD2, or IDD3 and IWDT when the watchdog timer operates in STOP mode.
3. Current flowing only to the A/D converter. The current value is the sum of IDD1 or IDD2 and IADC when the A/D
converter operates in operation mode or HALT mode.
4. Current flowing only to the LVD circuit. The current value is the sum of IDD1, IDD2, or IDD3 and ILVD when the LVD
circuit operates in operation mode, HALT mode, or STOP mode.
5. Operating current that increases when the internal reference voltage is selected. This current flows even when
conversion is stopped.
6. Current increased by the BGO operation. The current value is the sum of IDD1 or IDD2 and IBGO when the BGO
operates in operation mode or HALT mode.
7. Operating current that increases when the AVREFP is selected. This current flows even when conversion is
stopped.
8. Operating current that increases when the sample-and-hold circuit is used. This current flows for each analog
input channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com