Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F24 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F24 Datasheet HTML 1Page - Renesas Technology Corp F24 Datasheet HTML 2Page - Renesas Technology Corp F24 Datasheet HTML 3Page - Renesas Technology Corp F24 Datasheet HTML 4Page - Renesas Technology Corp F24 Datasheet HTML 5Page - Renesas Technology Corp F24 Datasheet HTML 6Page - Renesas Technology Corp F24 Datasheet HTML 7Page - Renesas Technology Corp F24 Datasheet HTML 8Page - Renesas Technology Corp F24 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 210 page
background image
The RL78/F23, F24 microcontrollers are ideal for realizing future highly reliable smart actuators and sensors, as well as low-end body ECUs.
RL78/F23, F24 products are designed according to ISO 26262 and support functional safety (FuSa) up to ASIL B. They support up to the
EVITA-Light security standard or more. An AES crypto module can handle key lengths of up to 256 bits and supports secure boot and
authentication. To further boost the calculation performance for BLDC (FOC) motor control and DC/DC control systems, RL78/F23, F24 is
equipped with the unique application accelerator IP to offload complex trigonometric and arithmetic processing.
Please refer to the User's Manual: Hardware (R01UH0944EJ) for product details.
R01DS0446EJ0120 Rev.1.20
Page 1 of 207
Dec 31, 2025
R01DS0446EJ0120
Rev.1.20
Dec 31, 2025
RL78/F23, F24
RENESAS MCU
Datasheet
1. OVERVIEW
1.1 Features
Minimum instruction execution time can be changed
from high speed (0.025 µs: @ 40 MHz operation with
high-speed on-chip oscillator clock or PLL clock) to ultra
low-speed (66.6 µs: @15 kHz operation with low-speed
on-chip oscillator clock)
General-purpose register: 8 bits
× 32 registers (8 bits ×
8 registers
× 4 banks)
ROM: 128 KB / 256 KB
RAM: 12 KB / 24 KB
Data flash memory: 8 KB / 16 KB
High-speed on-chip oscillator clock
Selectable from 40 MHz (Typ.), 32 MHz (Typ.), 20 MHz (Typ.),
16 MHz (Typ.), 8 MHz (Typ.), 4 MHz (Typ.), and 2 MHz (Typ.)
(Selectable from 80 MHz (Typ.) and 64 MHz (Typ.) when using
Timer RDe and RS-CANFD lite Note 1 )
Low-speed on-chip oscillator clock: 15 kHz
× 2 ch (one
for WWDT and one for CPU and peripherals other than
WWDT)
On-chip PLL
On-chip single-power-supply flash memory
(with prohibition of block erase/writing function)
Self-programming
(with boot swap function/flash shield window function)
On-chip debug function
On-chip power-on-reset (POR) circuit and voltage
detector (LVD)
On-chip watchdog timer (operable with the dedicated
low-speed on-chip oscillator clock)
Multiply/divide/multiply & accumulate instructions are
supported
16 bits
× 16 bits = 32 bits (Unsigned or signed)
32 bits
÷ 32 bits = 32 bits (Unsigned)
16 bits
× 16 bits + 32 bits = 32 bits (Unsigned or signed)
On-chip BCD adjustment
I/O ports: 28 to 92 (including one input-only pin)
Timer
- 16-bit timer array unit: 12 channels / 16 channels
- 16-bit timer RDe: 2 channels (with PWMOPA and
Dithering / Gate function)
- 16-bit timer RJ: 1 channel
- Watchdog timer: 1 channel
- Real-time clock: 1 channel
12-bit resolution A/D converter: 10 to 31 channels
Application accelerator unit
Serial interface
- CSI
- UART/UART (LIN-bus supported)
- LIN module (master/slave supported)
- I2C/simplified I2C
- CAN interface (RS-CANFD lite) Note 2
DTC (Max. 44 sources)
ELC (Max. 26 channels for event link source, Max. 10
channels for event link destination) Note 2
8-bit D/A converter Note 2
On-chip comparator: 1 unit (input pin: 4 channels) Note 2
On-chip key interrupt function
On-chip clock output/buzzer output controller
Functional safety (CRC calculation, Clock monitor, AD
test, etc.)
ASIL level: ASIL-B
Security functions (Secure boot, Crypto engine (AES-
128, 192, 256), Random Number Generator (TRNG))
Power supply voltage: VDD = 2.7 to 5.5 V
Operating ambient temperature:
TA = −40°C to 105°C (Grade-3)
TA = −40°C to 125°C (Grade-4)
TA = −40°C to 150°C (Grade-5)
RL78/F23, F24 Block Diagram (Outline)
Notes1. fIH cannot be used as a RS-CANFD lite communication clock.
2. Only available in the RL78/F24.
3. FOC: Field Oriented Control (BLDC motor vector control method)
Applications
General automotive electrical applications (motor control,
door control, headlight control, etc.), motorcycle engine
control.
System
Data Transfer Controller
(DTC)
(ELC)
Clock Monitor
PLL (80 MHz)
Internal Oscillator 15 kHz
Internal Oscillator 80 MHz
Internal Oscillator 20 MHz
Ext. Sub Oscillator 32.7 kHz
Ext. Interrupt
Key Return
Power On Reset (POR)
Low Voltage Detector
(LVD)
On-Chip Debug
(Hot plug-in, Live debug)
16-bit CPU
RL78 Core
MUL / MAC / DIV instructions
Memory
Code Flash
RAM
Data Flash
Generic Timers
Enhanced Timer RD
Real Time Clock
(RTC)
Timer Array Unit
Timer RJ
Dithering Function
Safety + Security
ISO 26262
ASIL B
Evita-Light
Interface
CAN FD
LIN/UART
Serial Array Unit
(CSI, UART, Simplified I2C)
Multi-master I2C
Accelerator
SIN. COS,
Clarke/Park transformation,
PI control,
32-bit Multiplier
Analog
12-bit ADC
(with dedicated S&H)
8-bit DAC
Comparator
Note 2
Note 2
Note 2
F23: 8 KB/
F24: 16 KB
F23: 12 KB/
F24: 24 KB
F23: 128 KB/
F24: 256 KB
Note 3
FOC Assist Function
40 MHz, 2.7 V to 5.5 V
Ta = -40 to +150 ℃ (Grade-5)
Note 2
Event Link Controller


Similar Part No. - F24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F24-045 ETC2-F24-045 Datasheet
136Kb / 2P
Power Transformers
logo
TRIAD MAGNETICS
F24-045 TRIAD-F24-045 Datasheet
90Kb / 1P
PC MOUNT : SPLIT PACK
F24-045-C2 TRIAD-F24-045-C2 Datasheet
49Kb / 1P
CLASS 2/3 TRANSFORMER
logo
List of Unclassifed Man...
F24-100 ETC2-F24-100 Datasheet
136Kb / 2P
Power Transformers
logo
TRIAD MAGNETICS
F24-100 TRIAD-F24-100 Datasheet
90Kb / 1P
PC MOUNT : SPLIT PACK
More results

Similar Description - F24

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
RENESAS MCU
R32C118A RENESAS-R32C118A_15 Datasheet
940Kb / 132P
RENESAS MCU
RL78 RENESAS-RL78_15 Datasheet
1Mb / 153P
RENESAS MCU
RL78G1G RENESAS-RL78G1G_15 Datasheet
775Kb / 70P
RENESAS MCU
R32C151 RENESAS-R32C151_15 Datasheet
774Kb / 122P
RENESAS MCU
R8C33C RENESAS-R8C33C_15 Datasheet
528Kb / 56P
RENESAS MCU
R8C36W RENESAS-R8C36W_15 Datasheet
631Kb / 71P
RENESAS MCU
M16C5LD RENESAS-M16C5LD_15 Datasheet
673Kb / 88P
RENESAS MCU
R8C3GM RENESAS-R8C3GM_15 Datasheet
530Kb / 56P
RENESAS MCU
R8C3JM RENESAS-R8C3JM_15 Datasheet
543Kb / 57P
RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com