Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7541 Datasheet(PDF) 55 Page - STMicroelectronics

Part # TDA7541
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button TDA7541 Datasheet HTML 51Page - STMicroelectronics TDA7541 Datasheet HTML 52Page - STMicroelectronics TDA7541 Datasheet HTML 53Page - STMicroelectronics TDA7541 Datasheet HTML 54Page - STMicroelectronics TDA7541 Datasheet HTML 55Page - STMicroelectronics TDA7541 Datasheet HTML 56Page - STMicroelectronics TDA7541 Datasheet HTML 57Page - STMicroelectronics TDA7541 Datasheet HTML 58Page - STMicroelectronics TDA7541 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 76 page
background image
TDA7541
Software specification
55/76
Table 26.
Addr 10 Quality MUX/FSU (FM 0Eh , AM 0Fh)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
MUX<1:0>
0
0
Detected multipath information at PIN 23
0
1
Detected adjacent channel information at PIN 23
1
0
Quality information stereo decoder at PIN 23
1
1
FMON=1: Stereo indication at PIN 23
FMON=0: AM IF2 signal at PIN 23
1
Not used
1
Not used
SSTH<7:4>
0
0
0
0
SSTOP = IFC (IF counter status)
0
0
0
1
SSTOP = H if IFC = H & FS > (FM: 0.6V / AM: 1.2V)
0
0
1
0
SSTOP = H if IFC = H & FS >
0
0
1
1
SSTOP = H if IFC = H & FS >
0
1
0
0
SSTOP = H if IFC = H & FS >
--
-
-
1
1
1
1
SSTOP = H if IFC = H & FS > (FM: 4.1V / AM: 4.8V)
Table 27.
Addr 11 Weak Signal Mute (FM A8h)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
ISSON
0
ISS filter internal control
1
ISS filter forced “ON”
WBON
0
Weather band disable
1
Weather band enable
WMTH<4:2>
0
0
0
Startpoint mute 0
0
0
1
Startpoint mute 1
0
1
0
Startpoint mute 2
---
-
1
1
0
Startpoint mute 6
1
1
1
Startpoint mute 7
WMD<7:5>
0
0
0
Mute depth 0
0
0
1
Mute depth 1
--
-
-
1
0
1
Mute depth 5
--
-
-
1
1
1
Mute depth 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com