Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7541 Datasheet(PDF) 60 Page - STMicroelectronics

Part # TDA7541
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button TDA7541 Datasheet HTML 56Page - STMicroelectronics TDA7541 Datasheet HTML 57Page - STMicroelectronics TDA7541 Datasheet HTML 58Page - STMicroelectronics TDA7541 Datasheet HTML 59Page - STMicroelectronics TDA7541 Datasheet HTML 60Page - STMicroelectronics TDA7541 Datasheet HTML 61Page - STMicroelectronics TDA7541 Datasheet HTML 62Page - STMicroelectronics TDA7541 Datasheet HTML 63Page - STMicroelectronics TDA7541 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 76 page
background image
Software specification
TDA7541
60/76
Table 33.
Addr 17 Roll off / Level gain (77h)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
ROC<3:0>
0
0
0
0
Roll-Off compensation 25.8%
0
0
0
1
Roll-Off compensation 24.0%
0
0
1
0
Roll-Off compensation 22.2%
0
0
1
1
Roll-Off compensation 20.5%
0
1
0
0
Roll-Off compensation 18.8%
0
1
0
1
Roll-Off compensation 17.1%
0
1
1
0
Roll-Off compensation 15.4%
0
1
1
1
Roll-Off compensation 13.8%
1
0
0
0
Roll-Off compensation 12.2%
1
0
0
1
Roll-Off compensation 10.6%
1
0
1
0
Roll-Off compensation 9.0%
1
0
1
1
Roll-Off compensation 7.5%
1
1
0
0
Roll-Off compensation 6.0%
1
1
0
1
Roll-Off compensation 4.5
1
1
1
0
Roll-Off compensation 3,0%
1
1
1
1
Roll-Off compensation 1.6%
LG<7:4>
0
0
0
0
Level gain 0dB
0
0
0
1
Level gain 0.55dB
0
0
1
0
Level gain 1.10dB
-
---
-
0
1
1
1
Level gain 3.85dB
-
---
-
1
1
1
1
Level gain 8.25dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com