Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7541 Datasheet(PDF) 56 Page - STMicroelectronics

Part # TDA7541
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button TDA7541 Datasheet HTML 52Page - STMicroelectronics TDA7541 Datasheet HTML 53Page - STMicroelectronics TDA7541 Datasheet HTML 54Page - STMicroelectronics TDA7541 Datasheet HTML 55Page - STMicroelectronics TDA7541 Datasheet HTML 56Page - STMicroelectronics TDA7541 Datasheet HTML 57Page - STMicroelectronics TDA7541 Datasheet HTML 58Page - STMicroelectronics TDA7541 Datasheet HTML 59Page - STMicroelectronics TDA7541 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 76 page
background image
Software specification
TDA7541
56/76
Table 28.
Addr 12 AM IF NB (AM B1h)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
AINENA
0
AM IF noise blanker disable
1
AM IF noise blanker enable
AINTH<4:1>
0
0
0
0
not recommended
--
--
-
0
0
1
0
not recommended
0
1
0
0
AM IF NB Threshold 50mV
0
1
0
1
AM IF NB Threshold 62.5mV
--
--
-
1
0
0
0
AM IF NB Threshold 100mV
--
--
-
1
1
1
1
AM IF NB Threshold 187.5mV
AINT<6:5>
0
0
AM IF NB Time 8µs
0
1
AM IF NB Time 11µs
1
0
AM IF NB Time 14µs
1
1
AM IF NB Time 17µs
IFAGCS
0
Enable AM IFAGC threshold shift down (check address6)
1
Disable AM IFAGC threshold shift down
Table 29.
Addr 13 XTAL adjust(80h)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
XTAL<4:0>
0000
0
CLoad 0pF
0000
1
CLoad 0.75pF
0001
0
CLoad 1.5pF
0001
1
CLoad 2.25pF
0010
0
CLoad 3pF
---
-
-
-
1111
0
CLoad 22.5pF
1111
1
CLoad 23.25pF
SL<7:5>
0
0
0
S meter slope FM = 0.75V/20dB, AM = 1.61V/20dB
0
0
1
S meter slope FM = 0.80V/20dB, AM = 1.75V/20dB
0
1
0
S meter slope FM = 0.85V/20dB, AM = 1.89V/20dB
0
1
1
S meter slope FM = 0.90V/20dB, AM = 1.98V/20dB
1
0
0
S meter slope FM = 0.95V/20dB, AM = 2.04V/20dB
1
0
1
S meter slope FM = 1.0V/20dB, AM = 2.1V/20dB
1
1
0
S meter slope FM = 1.05V/20dB, AM = 2.15V/20dB
1
1
1
S meter slope FM = 1.1V/20dB, AM = 2.20V/20dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com