Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7541 Datasheet(PDF) 51 Page - STMicroelectronics

Part # TDA7541
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button TDA7541 Datasheet HTML 47Page - STMicroelectronics TDA7541 Datasheet HTML 48Page - STMicroelectronics TDA7541 Datasheet HTML 49Page - STMicroelectronics TDA7541 Datasheet HTML 50Page - STMicroelectronics TDA7541 Datasheet HTML 51Page - STMicroelectronics TDA7541 Datasheet HTML 52Page - STMicroelectronics TDA7541 Datasheet HTML 53Page - STMicroelectronics TDA7541 Datasheet HTML 54Page - STMicroelectronics TDA7541 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 76 page
background image
TDA7541
Software specification
51/76
Table 22.
Addr 6 AGC (FM 06h, AM 2Ah)
Addr12 MSB
LSB
Function
d7
d7
d6
d5
d4
d3
d2
d1
d0
RFAGC<1:0>
0
0
RFAGC threshold FM V8-10= 80dBµV, AM V3= 92dBµV
0
1
RFAGC threshold FM V8-10= 84dBµV, AM V3= 99dBµV
1
0
RFAGC threshold FM V8-10= 88dBµV, AM V3= 102dBµV
1
1
RFAGC threshold FM V8-10= 92dBµV, AM V3= 104dBµV
IFAGC<3:2>
1
0
0
IFAGC threshold FM V61= 82dBµV , AM V61= 89dBµV
1
0
1
IFAGC threshold FM V61= 88dBµV , AM V61= 95dBµV
1
1
0
IFAGC threshold FM V61= 91dBµV , AM V61= 99dBµV
1
1
1
IFAGC threshold FM V61= 94dBµV , AM V61= 102dBµV
0
0
0
IFAGC threshold FM V61= 82dBµV , AM V61= 79dBµV
0
0
1
IFAGC threshold FM V61= 88dBµV , AM V61= 85dBµV
0
1
0
IFAGC threshold FM V61= 91dBµV , AM V61= 89dBµV
0
1
1
IFAGC threshold FM V61= 94dBµV , AM V61= 92dBµV
DAGC<5:4>
0
0
DAGC V56= 86dBµ
0
1
DAGC V56= 91dBµ
1
0
DAGC V56= 95dBµ
1
1
DAGC V56= 98dBµ
LNA<7:6>
00
I4 = 400uA , V54 = 4,5V , AM LNA Pin/FET mode ”OFF”
01
I4 = 400uA + 50uA , V54 = 3,5V
10
I4 = 400uA + 100uA , V54 = 3,5V
11
I4 = 400uA + 150uA , V54 = 3,5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com