Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7541 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7541
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7541 Datasheet HTML 21Page - STMicroelectronics TDA7541 Datasheet HTML 22Page - STMicroelectronics TDA7541 Datasheet HTML 23Page - STMicroelectronics TDA7541 Datasheet HTML 24Page - STMicroelectronics TDA7541 Datasheet HTML 25Page - STMicroelectronics TDA7541 Datasheet HTML 26Page - STMicroelectronics TDA7541 Datasheet HTML 27Page - STMicroelectronics TDA7541 Datasheet HTML 28Page - STMicroelectronics TDA7541 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
TDA7541
Electrical specifications and characteristics
25/76
42.5
-I20
Source current
ICP, V20 = 2.5V
1mA
42.6
I20
Sink current
1
mA
42.7
-I20
Source current
1.9
mA
42.8
I20
Sink current
1.9
mA
43. Loop filter input/output
43.1
-IIN
Input leakage current
VIN = GND: PDOUT = Tristate
-0.1
0.1
μA
43.2
IIN
Input leakage current
VIN = VREF1 PDOUT = Tristate
-0.1
0.1
μA
43.3
VOL
Output voltage Low
IOUT = -0.2mA
0.05
0.5
V
43.4
VOH
Output voltage High
IOUT = 0.2mA
VCCVCO-
0.5
VCCVCO-
0.05
V
43.5
IOUT
Output current, sink
VOUT = 1V to VCCVCO-1V
10
mA
43.6
IOUT
Output current, source
VOUT = 1V to VCCVCO-1V
-10
mA
44. Output of tuning voltage (TV)
44.1
VOUT
Output voltage
0.5
VVCO-
0.5
V
44.2
IVstepI
Min. voltage step
TVO
25
mV
44.3
IVmaxI
Max. voltage offset
TVO
3175
mV
44.4
ΔV
Additional offset voltage
TVM=1, TVO+
3.175
V
44.5
ROUT
Output impedance
TVM=0
40
k
Ω
44.6
ROUT
Output impedance
TVM=1
20
k
Ω
45. SSTOP output (open collector)
45.1
V24
Output voltage low
I24 = -200μA
0.2
0.5
V
45.2
V24
Output voltage high
5
V
45.3
-I24
Output leakage current
V 24 = 5V
-0.1
0.1
μA
45.4
I24
Output current, sink
V 24 = 0.5V to 5V
1
mA
45.5
V37SSTH
Internal unfiltered field
strength threshold for
SSTOP=HIGH
SSTH, FMON=1
2.6
4.1
V
45.6
V27SSTH
Internal unfiltered field
strength threshold for
SSTOP=HIGH
SSTH, FMON=0
SL = “011”
1.2
4.8
V
46. Switch output
46.1
VOL
Output Voltage low
SWM”1”,SW”0”,
I24 = -5μA
0.35
0.5
V
46.2
VOH
Output Voltage high
SWM”1”,SW”1”
VCC-1
V
Table 9.
PLL section (continued)
(Tamb=25°C, VCC1=VCC2=VCCMIX1=VCCVCO=VCCIF=8.5V, fXtal = 10.25 MHz,
VMPX=500mVrms mono, f=1kHz, de-emphasis τ=50µs, in application circuit, unless
otherwise specified)
Item
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com