Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO60011ASH3 Datasheet(PDF) 11 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO60011ASH3
Description  5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO60011ASH3 Datasheet(HTML) 11 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO60011ASH3 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DIO60011/A
Version 1.2, Jun 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
8
8.2. Undervoltage lockout
Undervoltage lockout protects the IC from insufficient input voltages. The DIO60011/A is disabled if the input
voltage falls below 2.15 V (typ). In this UVLO event, both the high-side and low-side power MOSFETs turn off.
8.3. Thermal shutdown
If the junction temperature of the device reaches the thermal shutdown limit of 150°C, the DIO60011/A shuts
down both high-side and low-side power MOSFETs. When the junction temperature reduces to the required
level (130°C typ), the device initiates a normal power-up cycle with soft-start.
8.4. Switch current limit and short-circuit protection
The protection function prevents the device from drawing excessive current in case of externally-caused
overcurrent or short-circuit conditions. If the current limit threshold is reached, the device delivers its maximum
output current. Detecting this condition for 32 switching cycles, the device turns off the high-side MOSFET for
about 500 μs and then restarts again with a soft-start cycle. As long as the overload condition is present, the
device hiccups that way, limiting the output power.
In FPWM devices, a negative current limit (ILIMN) is enabled to prevent excessive current from flowing backward
to the input. When the inductor current reaches ILIMN, the low-side MOSFET turns off and the high-side MOSFET
turns on and is kept on until tON time expires.
8.5. Feedback resistor dividers R1 and R2
Choose R1 and R2 to program the proper output voltage. To minimize the power consumption under light loads,
choose large resistance values for both R1 and R2. For example, it is recommended that the resistance value of
R1 is 20 kΩ, then R2 can be calculated from Equation (1).
1
OUT
2
R
0.6V
-
V
0.6V
R
(1)
Figure 16. Feedback resistor dividers R1 and R2
8.6. Input capacitor CIN
With the maximum load current at 1 A, the maximum ripple current through the input capacitor is about 0.5 A. A
typical X7R or better grade ceramic capacitor with 6 V rating and greater than 10 µF capacitance can handle this
ripple current well. To minimize the potential noise problem, place this ceramic capacitor really close to the IN
and GND pins. Carefully minimize the loop area formed by CIN, and IN/GND pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com