Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO60011ASH3 Datasheet(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO60011ASH3
Description  5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO60011ASH3 Datasheet(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO60011ASH3 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
DIO60011/A
Version 1.2, Jun 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
9
8.7. Output capacitor COUT
The output capacitor is selected to handle the output ripple noise requirements. Both steady-state ripple and
transient requirements must be taken into consideration when selecting this capacitor. For the best performance,
use X5R or a better grade ceramic capacitor with 6 V rating and greater than 10 µF capacitance.
8.8. Output inductor L
There are several considerations in choosing this inductor.
(1) Choose the inductance to provide the desired ripple current. Choose the ripple current to be approximately
40% of the maximum output current. The inductance is calculated from Equation (2).
%
)
/
(
,
,
40
×
I
×
f
V
V
1
×
V
=
L
MAX
OUT
SW
MAX
IN
OUT
OUT
-
(2)
where fSW is the switching frequency and IOUT,MAX is the maximum load current. The DIO60011/A regulator IC is
quite tolerant of different ripple current amplitudes. Consequently, the final choice of inductance can be slightly
off the calculation value without significantly impacting the performance.
(2) The saturation current rating of the inductor must be greater than the peak inductor current under full load
conditions.
L
×
f
×
2
V
V
1
×
V
I
>
I
SW
MAX
IN
OUT
OUT
+
MAX
OUT
MIN
SAT
)
/
(
,
,
,
-
(3)
(3) The DC resistance (DCR) of the inductor and the core loss at the switching frequency must be low enough
to achieve the desired efficiency requirement. Choose an inductor with a DCR lower than 50 mΩ to achieve a
good overall efficiency.
8.9. Load transient considerations
The DIO60011/A regulator IC integrates the compensation components to achieve good stability and fast
transient responses. In some applications, recommend using a 220 pF ceramic capacitor in parallel with R1 may
further speed up the load transient responses and is thus recommended for applications with large load transient
step requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com