Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO60011ASH3 Datasheet(PDF) 14 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO60011ASH3
Description  5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO60011ASH3 Datasheet(HTML) 14 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO60011ASH3 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
DIO60011/A
Version 1.2, Jun 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
11
10.Physical Dimensions:
10.1. SOT563
Common Dimensions
(Units of measure = Millimeter)
Symbol
Min
Max
A
0.525
0.600
A1
0.000
0.050
e
0.450
0.550
c
0.090
0.180
D
1.500
1.700
b
0.170
0.270
E1
1.100
1.300
E
1.500
1.700
L
0.100
0.300
L1
0.200
0.400
θ
9° REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com