Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO60011ASH3 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO60011ASH3
Description  5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO60011ASH3 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO60011ASH3 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DIO60011/A
Version 1.2, Jun 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
I
5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ
Constant-On-Time Synchronous, Step-Down Converter
Features
Low RDS(ON) for internal switches (top/bottom)
260 mΩ / 180 mΩ, 1.0 A
2.5 V ~ 5.5 V input voltage range
25 μA typical quiescent current
High light load efficiency
High switching frequency 1.65 MHz minimizes
the external components
Output discharge function
Operation mode:
DIO60011: Auto mode
DIO60011A: Forced PWM operation
Fixed frequency COT architecture achieve ultra
fast transient response
Internal soft start limits the inrush current
100% dropout operation
Operating temperature range: -40°C to 85°C
Applications
Portable navigation devices
Set top boxes
USB dongle
Media players
Smart phones
Package Information
Description
The DIO60011/A is a high-efficiency synchronous
step-down DC-DC regulator. The DIO60011/A can
achieve up to 1 A continuous output current from a
2.5 V to 5.5 V input voltage with excellent load and
line regulation. The output voltage can be regulated
to as low as 0.6 V.
Constant-on-time (COT) control provides a fast
transient response and eases loop stabilization. The
DIO60011 includes an automatically entered power
save mode to maintain high efficiency down to very
light loads for extending the system battery run-time.
The DIO60011A runs in Forced PWM maintaining a
continuous conduction mode to ensure the least
ripple in the output voltage and a quasi-fixed
switching frequency.
The DIO60011/A is ideal for a wide range of
applications, including portable navigation devices,
set top boxes and media players.
Simplified Schematic
Part Number
Package
Body Size
DIO60011/A
DFN-6
1.5 mm × 1.0 mm
SOT563
1.6 mm × 1.2 mm
SOT23-6
1.6 mm × 2.9 mm


Similar Part No. - DIO60011ASH3

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO6001 DIOO-DIO6001 Datasheet
540Kb / 9P
High-Efficiency 1.5MHz, 1A Output Synchronous Step Down Converter
Rev 1.4
DIO60010-A DIOO-DIO60010-A Datasheet
1Mb / 21P
5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.4, Oct 2025
DIO60010ASH3 DIOO-DIO60010ASH3 Datasheet
1Mb / 21P
5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.4, Oct 2025
DIO60010AST5 DIOO-DIO60010AST5 Datasheet
1Mb / 21P
5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.4, Oct 2025
DIO60010AST6 DIOO-DIO60010AST6 Datasheet
1Mb / 21P
5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.4, Oct 2025
More results

Similar Description - DIO60011ASH3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS3655-Q1 TI1-LMS3655-Q1 Datasheet
451Kb / 10P
3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
MP2145 MPS-MP2145 Datasheet
1Mb / 19P
5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
MP2147 MPS-MP2147 Datasheet
712Kb / 19P
5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
MP2326 MPS-MP2326 Datasheet
1Mb / 25P
19V, 4A, 40關A IQ, High-Efficiency Constant-On-Time (COT) Step-Down Converter in a 2mmx3mm QFN Package
MP2316 MPS-MP2316 Datasheet
1Mb / 25P
19V, 3A, 40uA IQ, High-Efficiency Constant On-Time (COT) Step-Down Converter in 2x3mm QFN Package
MP2321 MPS-MP2321 Datasheet
4Mb / 24P
19V, 2A, 40uA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
EV2145-D-00A MPS-EV2145-D-00A Datasheet
552Kb / 8P
5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
EV2147-D-00A MPS-EV2147-D-00A Datasheet
496Kb / 8P
5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
logo
List of Unclassifed Man...
DIO6011 ETC1-DIO6011 Datasheet
369Kb / 4P
High-Efficiency 1.5MHz, MHz, 1A Output Synchronous A Step Down Converter
Rev. 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com