Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO60011ASH3 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO60011ASH3
Description  5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO60011ASH3 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO60011ASH3 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO60011ASH3 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
DIO60011/A
Version 1.2, Jun 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
3
5. Electrical Characteristics
The values are obtained under these conditions unless otherwise specified: VIN = 5 V, VOUT = 1.8 V, L = 1 µH,
COUT = 10 µF, TA = 25°C.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input voltage range
2.5
5.5
V
IQ
Quiescent current
IOUT = 0, FB = 0.65 V
PWM devices
25
µA
IOUT = 0, FB = 0.65 V
FPWM devices
180
µA
ISHDN
Shutdown current
EN = 0
0.1
1
µA
VREF
Feedback reference voltage
0.588
0.6
0.612
V
RDS(ON),P
PFET RON
IOUT = 100 mA
260
mΩ
RDS(ON),N
NFET RON
IOUT = 100 mA
180
mΩ
ILIM
PFET current limit
2
A
VENH
EN rising threshold
1
V
VENL
EN falling threshold
0.4
V
VUVLO
Input undervoltage lockout threshold
2.15
2.45
V
VHYS
undervoltage lockout hysteresis
0.15
V
fSW
Switching frequency
IOUT = 500 mA
1.65
MHz
Min ON time
80
ns
Max Duty cycle
100
%
tSS
Soft-start time
VOUT rise from 10% to 90%
0.5
ms
TSD
Thermal shutdown temperature
150
°C
THYS
Thermal shutdown hysteresis
20
°C
Note:
(1) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com