Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2020 Datasheet(PDF) 45 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 41Page - Texas Instruments TAS2020 Datasheet HTML 42Page - Texas Instruments TAS2020 Datasheet HTML 43Page - Texas Instruments TAS2020 Datasheet HTML 44Page - Texas Instruments TAS2020 Datasheet HTML 45Page - Texas Instruments TAS2020 Datasheet HTML 46Page - Texas Instruments TAS2020 Datasheet HTML 47Page - Texas Instruments TAS2020 Datasheet HTML 48Page - Texas Instruments TAS2020 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 79 page
background image
Table 7-27. CLASSD_CFG_01 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
3
CLASSD_HIZ_MODE
R/W
0h
Amp output state in Noise gate mode (0 = Not Hi-Z, 1 = Hi-Z)
0h = Disabled
1h = Enabled
2
RESERVED
R
0h
Reserved
1-0
RESERVED
R
0h
Reserved
7.1.27 THERM_CFG Register (Address = 3Ch) [Reset = 00h]
Return to the Summary Table.
This register configures thermal warning detection.
Table 7-28. THERM_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R
0h
Reserved
0
EN_THERM_WARN_DET R/W
0h
Enable control for thermal warning detection feature.
0h = Disabled
1h = Enabled
7.1.28 INT_MASK_0 Register (Address = 5Bh) [Reset = 03h]
Return to the Summary Table.
This register configures Masks for Interrupt flags.
Table 7-29. INT_MASK_0 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
INT_MASK0[7]
R/W
0h
Mask for Interrupt due to BOP Inf Hold flag.
0h = Don't Mask
1h = Mask
6
INT_MASK0[6]
R/W
0h
Mask for Interrupt due to limiter attentuation flag.
0h = Don't Mask
1h = Mask
5
INT_MASK0[5]
R/W
0h
Mask for Interrupt due to supply less than inf pt flag.
0h = Don't Mask
1h = Mask
4
INT_MASK0[4]
R/W
0h
Mask for Interrupt due to limiter active flag.
0h = Don't Mask
1h = Mask
3
INT_MASK0[3]
R/W
0h
Mask for Interrupt due to brownout detected flag.
0h = Don't Mask
1h = Mask
2
INT_MASK0[2]
R/W
0h
Mask for Interrupt due to bop active flag.
0h = Don't Mask
1h = Mask
1
INT_MASK0[1]
R/W
1h
Mask for Interrupt due to device active flag.
0h = Don't Mask
1h = Mask
0
RESERVED
R
0h
Reserved
7.1.29 INT_MASK_1 Register (Address = 5Ch) [Reset = 1Fh]
Return to the Summary Table.
www.ti.com
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com