Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2020 Datasheet(PDF) 57 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 57 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 53Page - Texas Instruments TAS2020 Datasheet HTML 54Page - Texas Instruments TAS2020 Datasheet HTML 55Page - Texas Instruments TAS2020 Datasheet HTML 56Page - Texas Instruments TAS2020 Datasheet HTML 57Page - Texas Instruments TAS2020 Datasheet HTML 58Page - Texas Instruments TAS2020 Datasheet HTML 59Page - Texas Instruments TAS2020 Datasheet HTML 60Page - Texas Instruments TAS2020 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 79 page
background image
Set Music Efficiency Mode Hysteresis
Table 7-63. MUSIC_EFF_MODE_TIMER Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
MUSIC_EFF_MODE_TIM
ER[23:0]
R/W
34h
Addresses 0x1C to 0x1E are combined. Can be configured using the
PPC3 Software.
7.4.4 LIM_MAX_ATT Register (Address = 38h) [Reset = 2D6A86h]
Return to the Summary Table.
Limiter Set Maximum Attenuation
Table 7-64. LIM_MAX_ATT Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
LIM_MAX_ATT[23:0]
R/W
2D6A86h
Addresses 0x38 to 0x3A are combined. Can be configured using the
PPC3 Software.
7.4.5 LIM_TH_MAX Register (Address = 3Ch) [Reset = 400000h]
Return to the Summary Table.
Limiter Set maximum audio limiting threshold
Table 7-65. LIM_TH_MAX Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
LIM_TH_MAX[23:0]
R/W
400000h
Addresses 0x3C to 0x3E are combined. Can be configured using the
PPC3 Software.
7.4.6 LIM_TH_MIN Register (Address = 40h) [Reset = 0A0000h]
Return to the Summary Table.
Limiter Set minimum audio limiting threshold
Table 7-66. LIM_TH_MIN Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
LIM_TH_MIN[23:0]
R/W
A0000h
Addresses 0x40 to 0x42 are combined. Can be configured using the
PPC3 Software.
7.4.7 LIM_INF_PT Register (Address = 44h) [Reset = 0D3333h]
Return to the Summary Table.
Limiter Set Inflection Point
Table 7-67. LIM_INF_PT Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
LIM_INF_PT[23:0]
R/W
D3333h
Addresses 0x44 to 0x46 are combined. Can be configured using the
PPC3 Software.
7.4.8 LIM_SLOPE Register (Address = 48h) [Reset = 100000h]
Return to the Summary Table.
Limiter Set Slope
www.ti.com
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com