Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2020 Datasheet(PDF) 68 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 68 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 64Page - Texas Instruments TAS2020 Datasheet HTML 65Page - Texas Instruments TAS2020 Datasheet HTML 66Page - Texas Instruments TAS2020 Datasheet HTML 67Page - Texas Instruments TAS2020 Datasheet HTML 68Page - Texas Instruments TAS2020 Datasheet HTML 69Page - Texas Instruments TAS2020 Datasheet HTML 70Page - Texas Instruments TAS2020 Datasheet HTML 71Page - Texas Instruments TAS2020 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 79 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
TAS2020 is a mono channel digital-in Class-D amplifier with battery voltage and temperature monitoring
capabilities. I2S audio data is supplied by host processor via SDIN data port along with the bit clock and frame
sync signals. I2C bus is used for configuration and control.
The device needs external power supply voltage rails of PVDD: 2.5V to 5.5V, VDD : 1.65V to 1.95V and IOVDD:
1.8V or 3.3V for operation.
PurePathTM Console 3 (PPC3) software is the recommended tool to configure the device, and PPC3 enables
optimization of device performance parameters depending on different application scenarios.
8.2 Typical Application
Diagrams below show typical application connections for TAS2020 device. SEL1_I2C pin is used for HW Mode
selection or I2C Mode selection of the Device.
System can use same 1.8V supply source to power the IOVDD and VDD if required. The decoupling caps C2
and C3 should be placed close to the device pins.
VDD, PVDD power rails are critical for device performance and wide trace should be used from the source
PMIC to these pins to minimize parasitic inductance. Supply ripple should be kept at minimum for these rails and
should be connected to common supply planes.
Errata: Additional 2mA to 3mA current consumption expected if IRQZ singal is pulled high. Read more details in
What to Do and What Not to Do section.
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
www.ti.com
68
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com