Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QCL-LAB161 Datasheet(PDF) 6 Page - Wavelength Electronics, Inc.

Part # QCL-LAB161
Description  Low-Noise QCL Driver — Laboratory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

QCL-LAB161 Datasheet(HTML) 6 Page - Wavelength Electronics, Inc.

Back Button QCL-LAB161 Datasheet HTML 2Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 3Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 4Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 5Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 6Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 7Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 8Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 9Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 10Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
PIN DESCRIPTIONS
QCL D-SUB
Figure 5. Female 9-Pin D-SUB
Table 1. QCL D-SUB Pin-Out
PIN
DESCRIPTION
1, 2
Passive interlock pins (must be shorted to enable
current)
3
Chassis ground
4
Not used
5 *
QCL- (negative)
6
Not used
7
Not used
8
Not used
9 *
QCL+ (positive)
SHELL
Chassis ground
* NOTE: Use Pins 5 and 9 for current to the QCL.
QCL SMA
QCL- (negative)
QCL+ (ground)
Figure 6. SMA Pin-Out
QCL POLARITY
-V
Pin 9 QCL +
or SMA Outer Ring
Pin 5 QCL -
or SMA Center Pin
QCL Driver
Current Sink
QCL
Figure 7. QCL Polarity Diagram
MONITOR D-SUB
Figure 8. Male 9-Pin D-SUB
Table 2. Monitor D-SUB Pin-Out
PIN
DESCRIPTION
1
Alignment LED (+5 V) can source 250 mA
2
Alignment LED ground
3
QCL current enabled indicator (+5 V TTL)
high = disabled
low, ground = enabled
4
QCL current enabled indicator ground
5
Not used
6
Analog setpoint monitor
7
Analog monitor ground
8
Analog output current monitor
9
Analog monitor ground
BNC PINS
ACTIVE SIGNAL
GROUND
Figure 9. BNC Pins
TRANSFER FUNCTIONS BY MODEL
External modulation input, setpoint monitor, and analog
current monitor transfer functions:
QCL500 LAB:
0.1 A / V.
QCL1000 LAB:
0.2 A / V.
QCL1500 LAB:
0.3 A / V.
QCL2000 LAB:
0.4 A / V.
The input range is always -5 V to +5 V.
ACTIVE INTERLOCK BNC
Ground the center pin to the outer shell to override the interlock
and allow the current to flow to the QCL. If an external circuit
won’t be used, a 50 Ω or 75 Ω terminator is acceptable.
TRIGGER BNC
See Additional Capabilities on
page 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com