Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QCL-LAB161 Datasheet(PDF) 7 Page - Wavelength Electronics, Inc.

Part # QCL-LAB161
Description  Low-Noise QCL Driver — Laboratory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

QCL-LAB161 Datasheet(HTML) 7 Page - Wavelength Electronics, Inc.

Back Button QCL-LAB161 Datasheet HTML 3Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 4Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 5Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 6Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 7Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 8Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 9Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 10Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 11Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
ELECTRICAL SPECIFICATIONS
DRIVER OUTPUT CURRENT
MIN
TYP
MAX
UNITS
NOTES
Output Current
0.5, 1.0, 1.5, or 2.0
A
RMS Noise Current
0.4
1.0
1.3
μA RMS
QCL1000 at 500 mA output, 100 kHz test bandwidth
Noise Current Density
1
2
4
nA / √Hz
QCL1000 at 500 mA, 10 Ω test load
Stability, short and long term
5
10
15
ppm
25°C ambient
Temperature Coefficient
5
10
18
ppm / °C
Compliance Voltage Range
10
20
V
Internal Supply Voltage can be adjusted from the front
panel.
NOTE: With this current source, the voltage developed
across the load (laser) is not driven by the controller,
but by Ohm’s Law and the resistance of the load
(laser).
Slow Start Current Ramp (after
Enabled)
1.5
msec
To setpoint
Delayed Start
2
sec
User adjustable
EXTERNAL MODULATION
MIN
TYP
MAX
UNITS
NOTES
Modulation Bandwidth
2
3
MHz
Sinewave
Rise/Fall Time
250 / 200
nsec
To full scale
Slew Rate
30
V / µsec
Depth of Modulation
90
%
At 500 kHz
External Modulation Input
Range
-5 to +5
V
Input Impedance
1
kΩ
External Modulation Input
Damage Threshold
-10 to +10
V
BNC Connector
MONITORS AND OUTPUTS
VALUE
UNIT
NOTES
Setpoint Resolution
16
bits
5V = fullscale output
Display Accuracy Measurement
Resolution
24
Bits
Accuracy,
Current
Output
Monitor vs. Actual Current
(display or analog output)
0.2
%
> 5% of full scale
0.5
%
< 5% of full scale
Accuracy, Current Setpoint vs.
Actual Current
0.2
%
Internal setpoint
0.2
%
External modulation
Accuracy, Analog Setpoint
Monitor1
5
%
>10% of full scale
25
%
<10% of full scale
1
Current Setpoint Monitor is a reference signal only, and may deviate from the actual setpoint by up to 5% when the setpoint is greater
than 10% of full scale.
CONTINUED ON FOLLOWING PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com