Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QCL-LAB161 Datasheet(PDF) 14 Page - Wavelength Electronics, Inc.

Part # QCL-LAB161
Description  Low-Noise QCL Driver — Laboratory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

QCL-LAB161 Datasheet(HTML) 14 Page - Wavelength Electronics, Inc.

Back Button QCL-LAB161 Datasheet HTML 10Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 11Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 12Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 13Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 14Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 15Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 16Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 17Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 18Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
ENABLE THE QCL INSTRUMENT
Press the
Enable button on the front panel. The button will
glow blue only when current is delivered to the load. There is
a standard 2-second delay before the button illuminates and
current flows.
VI SCAN
1. On the Control screen, press to access the VI
scan screen.
2. Press the
Current Start value to select the current at
which to start the scan. Turn the
Adjustment knob to
change it.
Figure 19. Scan Screen
3. Press the
Current Stop value to select the current at
which to stop the scan.
4. Press the
Step Size value to select the current interval at
which to take a measurement. The maximum interval is
10% of full scale. Minimum step is 1% of full scale.
5. Press the
Time Interval value to select the amount of time
to allow the current to settle. For the best data accuracy,
use a Time Interval of 2 seconds or more. The minimum
time interval is 0.1 seconds.
6. Insert the USB flash drive in the USB slot on the front
panel.
7. Press the green
Run button to start the scan. When
finished, data is saved to the USB flash drive with
the filename viscanxx.txt, where xx starts at 00 and
increments.
8. To stop mid-scan, press the red
Stop button to abort the
scan. Any data collected during the aborted scan is saved
to the USB flash drive.
NOTES:
•
The step interval time is approximate. In the scan files,
time intervals are slightly more than the step interval
indicated on the instrument. Each interval builds on the
previous one.
•
Should the Step Size interval not finish at the Stop Current,
the reading is still taken and recorded. For example,
if the Start Current is 250 mA and the Stop Current is
1.04 A with a Current Step of 250 mA, a reading is taken
at 1000 mA (1 A) and 1040 mA (1. 04 A) but not at 1250
mA (1.25 A).
•
After a VI scan is completed, the output is disabled and
the setpoint is zeroed.
SAVE OR RECALL SETTINGS
Press to access the Save/Recall Screen.
Under
Save Settings to, press the blue text
to toggle through the Profile options, select
one, and then press the
Save icon.
The following variables are saved:
OPERATION SETTINGS
VI SCAN SETTINGS
Setpoint
VI Start Current
Current Limit
VI Stop Current
Max Supply Voltage
VI Step Size
Cable Resistance
VI Time Interval
Display Brightness
Beeper Status
Figure 20. Save / Recall Screen
Under
Recall Settings from, press the
blue text to toggle through the saved Profile
options, and then press the
Recall icon to
recall the saved settings. Select
Factory to
restore the settings to the factory defaults.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com