Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QCL-LAB161 Datasheet(PDF) 13 Page - Wavelength Electronics, Inc.

Part # QCL-LAB161
Description  Low-Noise QCL Driver — Laboratory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

QCL-LAB161 Datasheet(HTML) 13 Page - Wavelength Electronics, Inc.

Back Button QCL-LAB161 Datasheet HTML 9Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 10Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 11Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 12Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 13Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 14Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 15Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 16Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 17Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
TURN ON QCL INSTRUMENT
1. Press the
Power switch on the back panel to |. The front
panel power button light slowly pulses.
2. Press the
Power button on the front panel, the button
illuminates, touchscreen is activated, and the Control
screen is active.
NOTE: Turning off front
Power button powers down the
application electronics and puts the unit into standby
mode. Turning off rear
Power switch powers down all
electronics and settings return to factory default.
3. The front panel displays dashes instead of digits until the
unit has finished its power-up sequence (~10 seconds).
SET LIMITS
1. Press to access the Limit Screen.
2. Press
Limit Current, Maximum Supply Voltage, and/or
Cable Resistance values and rotate the Adjustment knob
to change each value. The instrument will beep when set.
Figure 16. Limit Screen
NOTES:
•
The
Limit Current should not exceed the damage current
threshold of your QCL.
•
The
Maximum Internal Supply Voltage can be lowered
to minimize internal instrument temperature or to act as a
compliance voltage clamp on the QCL output current. See
Additional Technical Notes on
page 20 for optimization
instructions.
•
The
Cable Resistance range is 0 – 4 Ω.
QCL Voltage displays the voltage at the QCL DSUB or
SMA terminals. To account for voltage loss across the
cable to the QCL, you can enter a non-zero value for
Cable Resistance.
The QCL Voltage will now display as:
Voltage Displayed = Voltage@Pins - (Cable Resistance x Operating Current)
•
The minimum limit current is about 8% of full scale.
ADJUST THE SETPOINT
1. Press to access the Control Screen.
2. Press the
Setpoint value and turn the Adjustment knob
until the desired operating current is displayed.
Figure 17. Control Screen
NOTE: The Control screen is on by default when the
instrument is turned on. The Mode is Constant Current by
default and cannot be changed.
DISPLAY EXISTING CURRENT AND
VOLTAGE VALUES
Press to access the Monitor Screen.
Values on this screen cannot be changed and are for
information only.
Figure 18. Monitor Screen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com