Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QCL-LAB161 Datasheet(PDF) 11 Page - Wavelength Electronics, Inc.

Part # QCL-LAB161
Description  Low-Noise QCL Driver — Laboratory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

QCL-LAB161 Datasheet(HTML) 11 Page - Wavelength Electronics, Inc.

Back Button QCL-LAB161 Datasheet HTML 7Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 8Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 9Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 10Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 11Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 12Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 13Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 14Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 15Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
INSTALL FUSES AND SELECT
PROPER VOLTAGE
Figure 11. Fuse Box and Voltage Selector
1. On the back panel, locate the Fuse Box and Voltage
Selector receptacle. (See the Rear Panel diagram on
page 10 for the location.)
2. Insert a small flathead screwdriver into the slot (1) at the
top of the receptacle and twist to open faceplate. The red
fuse drawer and fuses are located in the Ship Kit.
3. On the face of the fuse drawer are two voltage choices.
Based on your country, select the proper fuses to install.
VOLTAGE
FUSE
PART NUMBER
100-120 V
1.25 A, 250 V,
fast blow
Littelfuse 5 x 20 mm,
Part #02351.25HXP
220-240 V
0.63 A, 250 V,
fast blow
Littelfuse 5 x 20 mm,
Part #0217.630MXP
CAUTION: It is imperative that the correct voltage
is used. Serious damage can occur if the incorrect
voltage is selected.
4. Insert the fuses as shown in
Figure 12, with a short fuse
at the contact end of the receptacle. Then, turn the drawer
until the correct voltage label is at the top and replace it
in the receptacle. Press firmly to make sure the drawer is
completely seated. It should be flush with the receptacle.
Figure 12. Fuse Installation and Voltage Selector
5. Close the faceplate, again pressing firmly until it is flush.
The correct voltage label is shown through the Voltage
Window (2) on the faceplate.
CONNECT POWER
Insert the female end of the IEC AC power cord into the Power
receptacle on the back panel and then plug the male end into
the power source.
WIRE A TEST LOAD
Use of a test load is recommended for setup of the QCL
instrument. Use the Wavelength test loads listed on page 1, or
when building your own test load, a 10 Ω resistor with a 50 W
power rating is recommended for the QCL500, QCL1000,
and QCL1500. For the QCL2000, a 50 W 5 Ω resistor is
recommended.
•
Install the test load by either connecting to the QCL SMA
port or wiring the load to PIN 5 and PIN 9 on the QCL
D-SUB as shown in
Figure 13.
QCL
SMA
QCL
1
1
NOTE: The SMA case is electrically connected to the QCL chassis.
QCL D-SUB
6 7 8 9
1 2 3 4 5
Figure 13. QCL Wiring Diagram
-V
Pin 9 QCL +
or SMA Outer Ring
Pin 5 QCL -
or SMA Center Pin
QCL Driver
Current Sink
Test Load
Figure 14. Test Load Polarity Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com