Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM82813PVCAR Datasheet(PDF) 2 Page - Texas Instruments

Part # TPSM82813PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82813PVCAR Datasheet(HTML) 2 Page - Texas Instruments

  TPSM82813PVCAR Datasheet HTML 1Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 2Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 3Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 4Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 5Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 6Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 7Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 8Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................3
5 Pin Configuration and Functions...................................4
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings .............................................................. 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information ...................................................5
6.5 Electrical Characteristics.............................................6
6.6 Typical Characteristics................................................ 8
7 Parameter Measurement Information............................ 9
7.1 Schematic................................................................... 9
8 Detailed Description......................................................10
8.1 Overview................................................................... 10
8.2 Functional Block Diagram......................................... 10
8.3 Feature Description...................................................10
8.4 Device Functional Modes..........................................13
9 Application and Implementation.................................. 16
9.1 Application Information............................................. 16
9.2 Typical Application.................................................... 16
9.3 System Examples..................................................... 23
9.4 Power Supply Recommendations.............................24
9.5 Layout....................................................................... 25
10 Device and Documentation Support..........................27
10.1 Device Support....................................................... 27
10.2 Documentation Support.......................................... 27
10.3 Receiving Notification of Documentation Updates..27
10.4 Support Resources................................................. 27
10.5 Trademarks.............................................................28
10.6 Electrostatic Discharge Caution..............................28
10.7 Glossary..................................................................28
11 Revision History.......................................................... 28
12 Mechanical, Packaging, and Orderable
Information.................................................................... 29
TPSM82810, TPSM82813
SLUSDN6D – SEPTEMBER 2019 – REVISED JUNE 2026
www.ti.com
2
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com