Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM82813PVCAR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPSM82813PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82813PVCAR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPSM82813PVCAR Datasheet HTML 3Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 4Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 5Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 6Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 7Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 8Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 9Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 10Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
6.5 Electrical Characteristics (continued)
Over operating junction temperature (TJ = -40 °C to +125 °C) and VIN = 2.75 V to 6 V. Typical values at VIN = 5 V and TJ = 25
°C. (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fS
PWM Switching Frequency
with COMP/FSET tied to VIN or GND
2.025
2.25
2.475
MHz
PWM Switching Frequency Tolerance
using a resistor from COMP/FSET to
GND
–19%
18%
ton,min
Minimum on-time
VIN = 3.3V
50
75
ns
toff,min
Minimum off-time
VIN = 3.3V
30
ns
OUTPUT
VFB
Feedback Voltage Accuracy
VIN ≥ VOUT + 1V; PWM mode
594
600
606
mV
VIN ≥ VOUT + 1V; PFM mode
VOUT ≥ 1.5V; COUT,eff ≥ 27μF
594
600
612
mV
1 V ≤ VOUT < 1.5V; PFM
mode COUT,eff ≥ 47μF
594
600
615
mV
ILKG_FB
Input Leakage Current (FB pin)
VFB = 0.6V
1
70
nA
VFB
Feedback Voltage Accuracy with
Voltage Tracking
VIN ≥ VOUT + 1V; PWM mode
VSS/TR = 0.3V
297
300
321
mV
Rdis
Output Discharge Resistance
30
50
Ω
(1)
This is the static current limit. It can be temporarily higher in applications due to internal propagation delay (see Current Limit And
Short Circuit Protection section).
www.ti.com
TPSM82810, TPSM82813
SLUSDN6D – SEPTEMBER 2019 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com