Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM82813PVCAR Datasheet(PDF) 9 Page - Texas Instruments

Part # TPSM82813PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82813PVCAR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPSM82813PVCAR Datasheet HTML 5Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 6Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 7Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 8Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 9Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 10Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 11Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 12Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
7 Parameter Measurement Information
7.1 Schematic
Figure 7-1. Measurement Setup for TPSM8281x
Table 7-1. List of Components for the TPSM8281xSILR
REFERENCE
DESCRIPTION
MANUFACTURER (1)
IC
TPSM82810 or TPSM82813
Texas Instruments
CIN
22µF / X7T / 10V; GRM21BD71A226ME44
Murata
COUT
3 x 22µF / X7T / 10V; GRM21BD71A226ME44
Murata
CSS
4.7nF
Any
RCF
10kΩ
Any
CFF
10pF
Any
R1
Depending on VOUT
Any
R2
Depending on VOUT
Any
R3
100kΩ
Any
Table 7-2. List of Components for the TPSM8281xPVCAR
REFERENCE
DESCRIPTION
MANUFACTURER (1)
IC
TPSM82811PVCAR, TPSM82812PVCAR,
TPSM82813PVCAR
Texas Instruments
CIN
22µF / X7R / 10V; GRM21BZ1A226ME15L
Murata
COUT
2x 47uF / X6S / 6.3V; GRM21BC80J476ME01L
Murata
CSS
4.7nF
Any
RCF
10kΩ
Any
CFF
10pF
Any
R1
Depending on VOUT
Any
R2
Depending on VOUT
Any
R3
100kΩ
Any
(1)
See the Third-party Products Disclaimer.
Note
The input and output capacitor part numbers in each table above indicate the BOM used for
parameter measurement. Both designs work in either configuration.
www.ti.com
TPSM82810, TPSM82813
SLUSDN6D – SEPTEMBER 2019 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com