Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM82813PVCAR Datasheet(PDF) 31 Page - Texas Instruments

Part # TPSM82813PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82813PVCAR Datasheet(HTML) 31 Page - Texas Instruments

Back Button TPSM82813PVCAR Datasheet HTML 27Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 28Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 29Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 30Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 31Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 32Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 33Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 34Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
.000 PKG
0
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
(
)
1.084
(
)
0.36
(
)
0.36
(
)
0.76
(
)
1.084
(
)
0.92
(
)
0.92
(
)
0.92
(1.38)
3X (1.06)
6X (0.75)
4X (0.35)
6X (0.25)
2X (1.2)
(0.55)
3X (0.25)
QFN-FCMOD - 2 mm max height
VCA0013A
PLASTIC QUAD FLATPACK - NO LEAD
4230172/C 03/2024
NOTES: (continued)
3. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271)
EXPOSED METAL SHOWN
LAND PATTERN EXAMPLE
SCALE: 25X
1
2
6
7
11
8
12
13
SEE SOLDER MASK
DETAILS
METAL EDGE
SOLDER MASK
OPENING
EXPOSED
METAL
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
SOLDER MASK
DEFINED
PINS 1, 2, 6, 8, 12 & 13
www.ti.com
TPSM82810, TPSM82813
SLUSDN6D – SEPTEMBER 2019 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com