Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM82813PVCAR Datasheet(PDF) 33 Page - Texas Instruments

Part # TPSM82813PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82813PVCAR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPSM82813PVCAR Datasheet HTML 29Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 30Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 31Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 32Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 33Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 34Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 35Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 36Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
www.ti.com
PACKAGE OUTLINE
C
2X 1.3
4X 0.65
10X (0.05)
6X 0.28
0.22
6X 0.54
0.46
2.4 MAX
4X 0.8 0.03
2X 1.75
4X 0.3 0.03
2X 0.9
2X 3.1
4X 0.79
0.71
4X 1.19
1.11
2X 1.15
2.4
B
3.1
2.9
A
4.1
3.9
(3.2)
(2.5)
4X (0.075)
uSIP - 2.4 mm max height
SIL0014B-C01
MICRO SYSTEM IN PACKAGE
4229075/A 09/2022
AREA
PIN 1 INDEX
NOTE 3
PICK AREA
0.08 C
0.1
C A B
0.05
C
1
10
SYMM
SYMM
5
6
11
12
13
14
(OPTIONAL)
PIN 1 ID
MicroSiP is a trademark of Texas Instruments
TM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Pick and place nozzle
1.3 mm or smaller recommended.
4. The package thermal pads must be soldered to the printed circuit board for thermal and mechanical performance.
0.1
C A B
0.05
C
SCALE 3.000
www.ti.com
TPSM82810, TPSM82813
SLUSDN6D – SEPTEMBER 2019 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com