Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/A1M Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RZ/A1M
Description  RZ/A1H Group, RZ/A1M Group
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A1M Datasheet(HTML) 5 Page - Renesas Technology Corp

  RZ/A1M Datasheet HTML 1Page - Renesas Technology Corp RZ/A1M Datasheet HTML 2Page - Renesas Technology Corp RZ/A1M Datasheet HTML 3Page - Renesas Technology Corp RZ/A1M Datasheet HTML 4Page - Renesas Technology Corp RZ/A1M Datasheet HTML 5Page - Renesas Technology Corp RZ/A1M Datasheet HTML 6Page - Renesas Technology Corp RZ/A1M Datasheet HTML 7Page - Renesas Technology Corp RZ/A1M Datasheet HTML 8Page - Renesas Technology Corp RZ/A1M Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 137 page
background image
R01DS0479EJ0100 Rev.1.00
Page 5 of 137
Dec. 25, 2024
RZ/A1H Group, RZ/A1M Group
1. Overview
LIN interface
 Two channels
 Conforms with revisions 1.3, 2.0, 2.1, and 2.2 of the LIN protocol and SAEJ 2062.
 Master mode supported
Ethernet controller
 Conforms with the Ethernet or the IEEE802.3 MAC (Media Access Control) layer standard
 MAC function
Constructs/deconstructs data frames (frame format conforming to IEEE802.3, 2000 Edition)
Supports transfer at 10 and 100 Mbps
Supports full-duplex mode
Flow control conforming to IEEE802.3x
Supports an MII (Media Independent Interface) for connection to a PHY interface in conformance
with IEEE 802.3
Upward protocol support (checksum) function
 E-DMAC (Direct Memory Access Controller for Ethernet controller) function
EthernetAVB
 Conforms with the Ethernet or the IEEE802.3 MAC (Media Access Control) layer standard
 MAC function
Constructs/deconstructs data frames (frame format conforming to IEEE802.3, 2000 Edition)
Supports transfer at 100 Mbps
Supports full-duplex mode
Flow control conforming to IEEE802.3x
Supports an MII (Media Independent Interface) for connection to a PHY interface in conformance
with IEEE 802.3
Upward protocol support (checksum) function
 AVB-DMAC (DMAC dedicated to EthernetAVB) function
AVB-DMAC conforms with the following 3 standards; IEEE802.1AS (Clock Synchronization
Protocol), IEEE802.1Qav (Realtime Transfer Protocol) and IEEE802.1Qat (Bandwidth Reservation
Protocol)
NAND flash memory
controller
 Direct-connected memory interface with NAND-type flash memory
 Command access mode
 Interrupt request and DMA transfer request
 Supports flash memory requiring 5-byte addresses (2 Gbits and more)
USB 2.0 host/function module
 Two channels
 Conforms to the Universal Serial Bus Specification Revision 2.0
 480-Mbps, 12-Mbps, and 1.5-Mbps transfer rates provided (host mode)
 480-Mbps and 12-Mbps transfer rates provided (function mode)
 On-chip 8-Kbyte RAM as communication buffers
Digital video decoder
 Two channels
 Video input
Composite video input (CVBS)
 A/D converter for video signal input
VIN1 and VIN2 pin input selection
Low-pass filter (LPF)
Sync tip clamp
Programmable gain amplifier (PGA) (0 to 6.021 dB)
10-bit precision pipelined A/D converter
 Sync separation
Noise reduction LPF, auto level control sync slicer, horizontal auto frequency control (AFC), vertical
count-down, interlace detection, auto gain control (AGC)/peak limiter control
 Y/C separation
NTSC 2D, PAL 2D, and SECAM 1D supported.
 Chroma-key decoding
NTSC, PAL, and SECAM supported.
Color killer, auto color control (ACC), TINT correction, R-Y axis correction
 Digital clamp
Pedestal clamp (Y), center clamp (Cb/Cr), noise detection
 Adjustment of output gain
Contrast: 0 to approximately 2 times
Color (Cb/Cr independently): 0 to approximately 2 times
Items
Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com