Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/A1M Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RZ/A1M
Description  RZ/A1H Group, RZ/A1M Group
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A1M Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RZ/A1M Datasheet HTML 2Page - Renesas Technology Corp RZ/A1M Datasheet HTML 3Page - Renesas Technology Corp RZ/A1M Datasheet HTML 4Page - Renesas Technology Corp RZ/A1M Datasheet HTML 5Page - Renesas Technology Corp RZ/A1M Datasheet HTML 6Page - Renesas Technology Corp RZ/A1M Datasheet HTML 7Page - Renesas Technology Corp RZ/A1M Datasheet HTML 8Page - Renesas Technology Corp RZ/A1M Datasheet HTML 9Page - Renesas Technology Corp RZ/A1M Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 137 page
background image
R01DS0479EJ0100 Rev.1.00
Page 6 of 137
Dec. 25, 2024
RZ/A1H Group, RZ/A1M Group
1. Overview
Video display controller 5
 Two channels
 Video input interface: One channel can be selected from the followings.
BT601, BT656 format (NTSC/PAL) input: Input clock: 27 MHz/54 MHz
Digital pin input (channel 0):
YCbCr422, YCbCr444, RGB888, RGB666, RGB565
Digital pin input size:
Maximum input video image size to be set*: 1440 pixels × 1024 lines (horizontal × vertical)
Note:*Depends on the AC characteristics of the connected device.
Examples of input video image size :
WXGA (1280 × 768)
XGA (1024 × 768)
SVGA (800 × 600),
WVGA (800 × 480),
VGA (640 × 480),
WQVGA (480 × 240),
QVGA (320 × 240, 240 × 320)
Composite video (CVBS) signal input decoded by the digital video decoder
 Input video control
Horizontal noise reduction (NR), brightness adjustment and contrast adjustment using matrix
operation
 Scaling control
Vertical and horizontal scaling up or down of input video possible at a desired ratio (scaling up of
graphics also possible)
Scaling up ratio: 1 to 8; scaling down ratio: 1/8 to 1
Interpolation: Hold or linear selectable
2D IP conversion: 2D IP conversion through separately setting the initial phases
for the top and bottom fields
 Video recording
Output pixel format: YCbCr444, YCbCr422, RGB888, RGB565
Output field rate: 1/1, 1/2, 1/4, 1/8
Rotation: Horizontal mirroring and 90/180/270 degree rotation for YCbCr422 and RGB565
Maximum video image size to be stored: ×1 size of input video image
 Output video control
Black stretch: Black area stretched according to Y signal state
Enhancer capability: LTI (transient improvement) and sharpness (contour emphasis) for Y signal
Items
Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com