Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/A1M Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RZ/A1M
Description  RZ/A1H Group, RZ/A1M Group
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A1M Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RZ/A1M Datasheet HTML 3Page - Renesas Technology Corp RZ/A1M Datasheet HTML 4Page - Renesas Technology Corp RZ/A1M Datasheet HTML 5Page - Renesas Technology Corp RZ/A1M Datasheet HTML 6Page - Renesas Technology Corp RZ/A1M Datasheet HTML 7Page - Renesas Technology Corp RZ/A1M Datasheet HTML 8Page - Renesas Technology Corp RZ/A1M Datasheet HTML 9Page - Renesas Technology Corp RZ/A1M Datasheet HTML 10Page - Renesas Technology Corp RZ/A1M Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 137 page
background image
R01DS0479EJ0100 Rev.1.00
Page 7 of 137
Dec. 25, 2024
RZ/A1H Group, RZ/A1M Group
1. Overview
Video display controller 5
 Four graphics layers (two of them also for input video)
Available input pixel formats
1 bit/pixel: CLUT1
4 bits/pixel: CLUT4
8 bits/pixel: CLUT8
16 bits/pixel: YCbCr422 (graphics layers 0 and 1), RGB565, ARGB1555, RGBA5551, ARGB4444
32 bits/pixel: ARGB8888, RGBA8888, RGB888, YCbCr444 (graphics layers 0 and 1)
 Blending of two input video images
Two input video images superimposed by alpha blending over a rectangular area can be output.
 Superimposition
Alpha blending in a rectangular area:
Input video, layer 1, and layer 2 blended according to the transparency percentage α
(fade-in and fade-out function available)
Chroma key function:
Mixing based on transparency percentage α using the specified RGB and CLUT value
Pixel-base alpha blending:
Alpha blending for each pixel based on transparency percentage α
Generation of output video images
Video images superimposed on graphics layers can be output to memory.
 Panel output control
Panel output correction:
Brightness adjustment and contrast adjustment, gamma correction, panel dithering
TCON:
Various timing output for LCD panel driving provided by a total of seven vertical and horizontal
panel driver signals
Panel output pixel format: RGB888, RGB666, RGB565, serial RGB
Output video image size:
Maximum output video image size to be set*:
1999 pixels × 2035 lines (horizontal × vertical)
Note:*Depends on the AC characteristics of the display panel.
Examples of output video image size:
WXGA (1280 × 768)
XGA (1024 × 768)
SVGA (800 × 600),
WVGA (800 × 480),
VGA (640 × 480),
WQVGA (480 × 240),
QVGA (320 × 240, 240 × 320)
Dynamic range compression
 Two channels
 Contrast adjustment of captured data
Contrast expansion processing optimized per region of the image
Image renderer
(IMR-LS2)
 Two channels
 Refers to the video captured data as two-dimensional texture data and draws a shape by performing
texture mapping for an arbitrary shape divided into triangular objects.
 Display list system
 Drawing functions
Texture mapping, bilinear filtering, automatic coordinate generation (and relative coordinate input)
 Instruction system
Draw instruction: TRI for drawing a triangle
Control instructions: TRAP, INT, NOP, SYNCM, SYNCW, WTL, and WTS
 Drawing space
Destination coordinates: 0 ≤ X ≤ 2,047, 0 ≤ Y ≤ 2,047
Source coordinates: 0 ≤ u ≤ 1,439, 0 ≤ v ≤ 1,023
Image renderer for display
(IMR-LSD)
 Refers to the output video image data from the video display controller 5 (channel 0) as two-
dimensional texture data and draws shapes by performing texture mapping for an arbitrary shape
divided into triangular objects.
 Display list system
 Drawing functions
Texture mapping, bilinear filtering, automatic coordinate generation (and relative coordinate input)
 Instruction system
Draw instruction: TRI for drawing a triangle
Control instructions: TRAP, INT, NOP, SYNCM, SYNCW, WTL, and WTS
 Drawing space
Destination coordinates: 0 ≤ X ≤ 2,047, 0 ≤ Y ≤ 2,047
Source coordinates: 0 ≤ u ≤ 1,439, 0 ≤ v ≤ 1,023
Items
Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com