Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK68564 Datasheet(PDF) 16 Page - STMicroelectronics

Part # MK68564
Description  SERIAL INPUT OUTPUT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK68564 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button MK68564 Datasheet HTML 12Page - STMicroelectronics MK68564 Datasheet HTML 13Page - STMicroelectronics MK68564 Datasheet HTML 14Page - STMicroelectronics MK68564 Datasheet HTML 15Page - STMicroelectronics MK68564 Datasheet HTML 16Page - STMicroelectronics MK68564 Datasheet HTML 17Page - STMicroelectronics MK68564 Datasheet HTML 18Page - STMicroelectronics MK68564 Datasheet HTML 19Page - STMicroelectronics MK68564 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Command 2 has been issued, and another Exter-
nal/Status interrupt request will be generated. This
interrupt should also be handled by issuing
Command 2 to reinitialize the external/status logic.
At the end of the break sequence, a single null char-
acter will be left in the receive data FIFO. This char-
acter should be read and discarded.
Because Parity Error and Receive Overrun Error
flags are latched, the error status that is read from
Status Register 1 reflects an error in the current
word in the receive data FIFO, plus any parity or o-
verrun errors received since the last Error Reset
command. To keep correspondence between the
state of the error FIFO and the contents of the re-
ceive data FIFO, Status Register 1 should be read
before the receive buffer. If the status is read after
the data and more than one character is stacked in
the data FIFO during the read of the receive buffer,
the status flags read will be for the next word. Keep
in mind that when a character is shifted up to the top
of the data FIFO (the receive buffer), its error flags
are shifted into Status Register 1
.An exception to the normal flow of data through the
receive data FIFO occurs when the Receive Inter-
rupt On First Character Only mode is selected. A
Special Receive Condition interrupt in this mode
holds the error data, and the character itself (even
if read from the data FIFO) until the Error Reset
command (command 6) is issued. This prevents fur-
ther data from becoming available in the receiver,
until Command 6 is issued, and allows CPU inter-
vention on the character with the error even if DMA
or block transfer techniques are being used.
SYNCHRONOUS OPERATION
INTRODUCTION
Before
describing
byte-oriented,
synchronous
transmission and reception, the three types of char-
acter synchronization - Monosync, Bysync, and Ex-
ternal Sync - require some explanation. These
modes use the x1 clock for both Transmit and Re-
ceive operations. Data is sampled on the rising edge
of the Receive Clock input (RxC). Transmitter data
transitions occur on the falling edge of the Transmit
Clock input (TxC).
The differences between Monosync, Bisync, and
External Sync are in the manner in which initial re-
ceive character synchronization is achieved. The
mode of operation must be selected before sync
characters are loaded, because the registers are u-
sed differently in the various modes. Figure 10
shows the formats for all three synchronous modes.
MONOSYNC. In the Monosync mode (8-bit sync
mode), the transmitter transmits the sync character
in Sync Word Register 1. The receiver compares the
single sync character with the programmed sync
character stored in Sync Word Register 2. A match
implies character synchronization and enables data
transfer. The SYNC pin is used as an output in this
mode and is active for the part of the receive clock
that detects the sync character.
BISYNC. In the Bisync mode (16-bit sync mode), the
transmitter transmits the sync character in Sync
Word Register 1 followed by the sync character in
Sync Word Register 2. The receiver compares the
two contiguous sync characters with the program-
med sync characters stored in Sync Word Registers
1 and 2. A match implies character synchronization
and enables data transfer. The SYNC pin is used as
an output in this mode and is active for the part of
the receive clock that detects the sync characters.
External Sync. In the External Sync mode, the
transmitter transmits the sync character in Sync
Word Register 1. Character synchronization for the
receiver is established externally. The SYNC pin is
an input that indicates that external character syn-
chronization has been achieved. After the sync pat-
tern is detected, the external logic must wait for two
full Receive Clock cycles to activate the SYNC input
pin (see figure 11). The SYNC input pin must be held
Low until character synchronization is lost. Charac-
ter assembly begins on the rising edge of the Re-
ceive Clock that precedes the falling edge of the
SYNC input pin.
In all cases, after a reset (hardware or software), the
receiver is in the Hunt phase, during which time the
SIO looks for character synchronization. The Hunt
phase can begin only when the receiver is enabled,
and data transfer can begin only when character
synchronization has been achieved. If character
synchronization is lost, the Hunt phase can be re-en-
tered by setting the Enter Hunt Mode bit in the Re-
ceiver Control Register. In the transmit mode, the
transmitter always sends the programmed number
of sync bits (8 or 16), regardless of the bits per char-
acter programmed.
In the Monosync, Bisync, and External Sync modes,
assembly of received data continues until the SIO is
reset, or until the receiver is disabled (by command
or the DCD pin in the Rx Auto Enables mode), or un-
til the CPU sets the Enter Hunt Mode bit.
After initial synchronization has been achieved, the
operation of the Monosync, Bisync, and External
Sync modes is quite similar. Any differences are
specified in the following text.
To set up the SIO for Synchronous operations, the
following registers need to be initialized : Mode
MK68564
16/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com