Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK68564 Datasheet(PDF) 34 Page - STMicroelectronics

Part # MK68564
Description  SERIAL INPUT OUTPUT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK68564 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button MK68564 Datasheet HTML 30Page - STMicroelectronics MK68564 Datasheet HTML 31Page - STMicroelectronics MK68564 Datasheet HTML 32Page - STMicroelectronics MK68564 Datasheet HTML 33Page - STMicroelectronics MK68564 Datasheet HTML 34Page - STMicroelectronics MK68564 Datasheet HTML 35Page - STMicroelectronics MK68564 Datasheet HTML 36Page - STMicroelectronics MK68564 Datasheet HTML 37Page - STMicroelectronics MK68564 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
SDLC.
D6 : CRC/Framing Error
In Asynchronous modes, if a Framing Error occurs,
this bit is set to a one for the receive character in
which the framing error occurred. When this bit is set
to a one, a Special Receive Condition interrupt will
be requested, if receiver interrupts are enabled.
Detection of a Framing Error adds an additional one-
half bit time to the character time, so that the Fra-
ming Error is not interpreted as a new start bit.
In Synchronous and SDLC modes, this bit indicates
the result of comparing the received CRC value to
the appropriate check value. A zero indicates that a
match has occurred. This bit is usually set since
most bit combinations result in a non-zero CRC, ex-
cept for a correctly completed message. Receiver
interrupts are not requested by the CRC Error bit.
The CRC/Framing bit is not latched in any receiver
mode. It is always updated when the next character
is received. An Error Reset command (command 6)
will always reset this bit to zero.
D5 : Receive Overrun Error
This bit indicates that the receive data FIFO has o-
verflowed. Only the character that has been written
over is flagged with this error. When the character
is read, the error condition is latched until reset by
the Error Reset command (command 6). If receiver
interrupts are enabled, the overrun character and all
subsequent characters received, until the Error Re-
set command is issued, will generate a Special Re-
ceive Condition interrupt request.
D4 : Parity Error
When parity is enabled, this bit is set to a one for
those characters whose parity does not match the
programmed sense (even/odd). This bit is latched
so that once an error occurs, it remains set until the
Error Reset command (command 6) is issued. If pa-
rity is a Special Receive Condition, a Parity is a Spe-
cial Receive Condition, a Parity Error will cause a
Special Receive Condition interrupt request on the
character containing the error and on all subsequent
characters until the Error Reset command is issued.
D3, D2, D1 : Residue Codes 2, 1, and 0
In those cases of the SDLC receive mode, where the
I-field is not an integral multiple of the character
length, these three bits indicate the length of the re-
sidual I-field read in the previous bytes. These codes
are meaningful only for the transfer in which the End
Of Frame bit is set. This field is set to 000 by a chan-
nel or hardware reset and can leave this state only
if SDLC mode is selected, and a character is recei-
ved.
FOR EIGHT BITS PER CHARACTER
If a receive character length, different from eight bits,
is used for the I-field, a table similar to the previous
one may be constructed for each different character
length. For no residue (that is, the last character
boundary coincides with the boundary of the I-field
and CRC field), the Residue codes are as follows :
D0 : All Sent
This bit is only active in Asynchronous modes ; it is
always High in Synchronous or SDLC modes. This
bit is Low while the transmitter is sending characters :
it will go High only after all the bits of the character
are transmitted, and the transmit buffer is empty.
DATA REGI STER (DATARG)
The Data Register is actually two separate regis-
ters ; a write only register that is the Transmit Buffer,
and a read only register that is the Receiver Buffer.
The Receiver Buffer is also the top register of a three
Residue
Code 2
Residue
Code 1
Residue
Code 0
I-Field
Bits
In
Previous
Byte
I-Field
Bits
I n Second
Previous
Byte
1
0
1
0
1
0
1
0
0
1
1
0
0
1
1
0
0
0
0
1
1
1
1
0
0
0
0
0
0
0
1
2
3
4
5
6
7
8
8
8
Bits P er Character Residue
Code 2
Residue
Code 1
Residue
Code 0
8 Bits Per Character
7 Bits Per Character
6 Bits Per Character
5 Bits Per Character
0
0
0
0
1
0
1
0
1
0
0
1
D7
D6
D 5
D4
D3
D2
D1
D0
DATA
7
DATA
6
DATA
5
DATA
4
DATA
3
DATA
2
DATA
1
DATA
0
I-F iel Bit s ar e Ri ght -justified in all Cases.
MK68564
34/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com