Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK68564 Datasheet(PDF) 21 Page - STMicroelectronics

Part # MK68564
Description  SERIAL INPUT OUTPUT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK68564 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button MK68564 Datasheet HTML 17Page - STMicroelectronics MK68564 Datasheet HTML 18Page - STMicroelectronics MK68564 Datasheet HTML 19Page - STMicroelectronics MK68564 Datasheet HTML 20Page - STMicroelectronics MK68564 Datasheet HTML 21Page - STMicroelectronics MK68564 Datasheet HTML 22Page - STMicroelectronics MK68564 Datasheet HTML 23Page - STMicroelectronics MK68564 Datasheet HTML 24Page - STMicroelectronics MK68564 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
receive data stream that match the byte loaded into
Sync Word Register 1 will be inhibited from loading
into the receive data FIFO. The comparison be-
tween Sync Word Register 1 and the incoming data
occurs at a character boundary time. This is an 8-bit
comparison, regardless of the bits per character pro-
grammed. CRC calculations will be performed on all
bytes, even if the characters are not transferred to
the receive data FIFO, as long as the Rx CRC En-
able bit is set.
Data Transfer and Status Monitiring. After char-
acter synchronization is achieved, the assembled
characters are transferred to the receive data FIFO,
and the status information for each character is
transferred to the receive error FIFO. The following
four modes are available to transfer the received da-
ta and its associated status to the CPU.
No Receive Interrupts Enabled. This mode is used
either for polling operations or for off-line conditions.
When transferring data, using a polling routine, the
Rx Character Available bit in Status Register 0
should be checked to determine if a receive charac-
ter is available for transfer. Only when a character
is available should the receive buffer and Status Re-
gister 1 be read. The Rx Character Available bit is
set when a character is loaded to the top of the re-
ceive data FIFO. This bit is reset during a read of the
receive buffer.
Interrupt On First Character Only. This interrupt
mode is normally used to start a DMA transfer rou-
tine or, in some cases, a polling loop. The SIO will
generate an interrupt the first time a character is shif-
ted to the top of the receive data FIFO after this
mode is selected or reinitialized. An interrupt will be
generated thereafter only if a Special Receive
Condition is detected. This mode is reinitialized with
the Enable Interrupt On Next Receive Character
command. Parity Errors do not cause interrupts in
this mode ; however, a Receive Overrun Error will.
Interrupt On Every Character. This interrupt mode
will generate a Receiver Interrupt every time a char-
acter is shifted to the top of the receive data FIFO.
A Special Receive Condition interrupt on a parity er-
ror is optional in this mode.
Special Receive Condition Interrupt. The special
condition interrupt mode is not an interrupt mode as
such, but works in conjunction with Interrupt On E-
very Character or Interrupt On First Character Only
modes. When the Status Affects Vector bit in either
channel is set, a Special Receive condition will mo-
dify the Receive Interrupt vector to signal the CPU
of the special condition. Receive Overrun Error and
Parity Error are the only Special Receive Conditions
in Synchronous receive mode. The overrun and pa-
rity error status bits in Status Register 1 are latched
when they occur ; they will remain latched until an
Error Reset command is issued. As long as either
one of these bits is set, a Special Receive Condition
Interrupt will be generated at every character avai-
lable time. Since these two status bits are latched,
the error status in Status Register 1, when read, will
reflect an error in the current word in the receive buff-
er, in addition to any Parity or Overrun errors recei-
ved since the last Error Reset command.
CRC Error Checking and Receiver Message Ter-
mination. A CRC error check on the received
message can be performed on a per character
basis under program control. The Rx CRC En-
able bit must set/reset by the program before
the next character is transferred from the receive
shift register to the receive data FIFO. This ensures
proper inclusion or exclusion of data characters in
the CRC check.
There is an 8-bit delay between the time a character
is transferred to the receive data FIFO and the time
the same character starts to enter the CRC checker.
An additional 8-bit times are needed to perform CRC
calculations on the character. Due to this serial na-
ture of CRC calculations, the Receive Clock (RxC)
must cycle 16 times after the second CRC character
has been loaded into the receive data FIFO or
20 times (the previous 16 plus 3-bit buffer delay
and 1-bit input delay) after the last bit is at the
RxD input, before CRC calculation is complete.
The CRC Framing Error bit in Status Register 1
will contain the comparison results of the CRC
checker. The comparison results should be zero,
indicating error-free transmission. The results in the
status bit are valid only at the end of CRC cal-
culation. If the result is examined before this time, it
usually indicates an error (the bit is High). The
comparison is made at each character available
time and is valid until the character is read from the
receive data FIFO.
SDLC/HDLC OPERATION
INTRODUCTION
The MK68564 SIO is capable of handling both High-
level Synchronous Data Link Control (HDLC) and
IBM Synchronous Data Link Control (SDLC) proto-
cols. In the following discussion, only SDLC is ref-
erenced because of the high degree of similarity
between SDLC and HDLC.
The SDLC mode is considerably different from
Monosync and Bisync protocols, because it is bit o-
riented rather than character oriented. Bit orienta-
tion makes SDLC a flexible protocol in terms of mes-
MK68564
21/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com