Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK68564 Datasheet(PDF) 18 Page - STMicroelectronics

Part # MK68564
Description  SERIAL INPUT OUTPUT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK68564 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button MK68564 Datasheet HTML 14Page - STMicroelectronics MK68564 Datasheet HTML 15Page - STMicroelectronics MK68564 Datasheet HTML 16Page - STMicroelectronics MK68564 Datasheet HTML 17Page - STMicroelectronics MK68564 Datasheet HTML 18Page - STMicroelectronics MK68564 Datasheet HTML 19Page - STMicroelectronics MK68564 Datasheet HTML 20Page - STMicroelectronics MK68564 Datasheet HTML 21Page - STMicroelectronics MK68564 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
character is loaded into the transmit buffer before
enabling the transmitter, that character will be sent
in place of the sync character(s).
Start of Transmission. Transmission will begin
with the loading of the first data character into the
transmit buffer, if the transmitter is already enabled.
For CRC to be calculated correctly on each mes-
sage, the CRC generator must be reset to all zeros
before the first data character is loaded into the
transmit buffer. This is accomplished by issuing a
Reset Tx CRC Generator command in the
Command Register.
Synchronous Transmit Characteristics. In all
Synchronous modes, characters are sent with the
least-significant bits first. All data is shifted out of the
Transmit Data pin (TxD) on the falling edge of the
Transmit Clock (TxC). The transmitter can transmit
from one to eight data bits per character. This re-
quires right-hand justification of data written to the
transmit buffer, if the selected word length is less
than eight bits per character. When the programmed
character length is six or seven bits, the unused bits
in the transmit buffer are ignored. If a word length of
five bits per character or less is selected, the data
loaded into the transmit buffer must be formatted as
described in the Transmit Control register part of the
Register Description section.
The number of bits per character to be transmitted
can be changed on the fly. Any data written to the
transmit buffer, after the bits per character field is
changed, are affected by the change. The same is
true of any characters in the buffer at the time the
bits per character field is changed. The change in
the number of bits per character does not affect the
character in the process of being shifted out.
A transmitted message can be terminated by CRC
and sync characters, by sync characters only, or by
pad characters (replacing the sync character(s) in
the Sync Word Registers with pad characters). How
a message is terminated is controlled by the Tx Un-
derrun/EOM latch in Status Register 0.
Figure 11a : External Sync Timing.
Figure 11b : Simple External Sync Delay.
V000384
V000385
MK68564
18/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com