Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK68564 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MK68564
Description  SERIAL INPUT OUTPUT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK68564 Datasheet(HTML) 2 Page - STMicroelectronics

  MK68564 Datasheet HTML 1Page - STMicroelectronics MK68564 Datasheet HTML 2Page - STMicroelectronics MK68564 Datasheet HTML 3Page - STMicroelectronics MK68564 Datasheet HTML 4Page - STMicroelectronics MK68564 Datasheet HTML 5Page - STMicroelectronics MK68564 Datasheet HTML 6Page - STMicroelectronics MK68564 Datasheet HTML 7Page - STMicroelectronics MK68564 Datasheet HTML 8Page - STMicroelectronics MK68564 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
SIO PIN DESCRIPTION
GND :
Ground
VCC:
+ 5 Volts (
± 5%)
CS :
Chip Select (input, active low). CS is used to select the MK68564 SIO for accesses to
the internal registers. CS and IACK must not be asserted at the same time.
R/W :
Read/write (input). R/W is the signal from the bus master, indicating wether the current
bus cycle is a Read (high) or Write (low) cycle.
DTACK :
Data Transfer Acknowledge (output, active low, three stateable). DTACK is used to
signal the bus master that data is ready or that data has been accepted by the
MK68564 SIO.
A1-A5 :
Address Bus (inputs). The address bus is used to select one of the internal registers
during a read or write cycle.
D0-D7
Data Bus (bidirectional, threee-stateable). The data bus is used to transfer data to or
from the internal registers during a read or write cycle. It is also used to pass a vector
during an interrupt acknowledge cycle.
CLK :
Clock (input). This input is used to provide the internal timing for the MK68564 SIO.
RESET :
Device Reset (input, active low). RESET disables both receivers and transmitters, forces
TxDA and TxDB to a marking condition, forces the modem controls high and disables
all interrupts. With the exception of the status registers, data registers, and the vector
register, all internal registers are cleared. The vector register is reset to ”0FH”.
INTR :
Interrupt Request (output, active low, open drain). INTR is asserted when the MK68564
SIO is requesting an interrupt. INTR is negated during an interrupt acknowledge cycle
or by clearing the pending interrupt(s) through software.
IACK :
Interrupt acknowledge (input, active low). IACK is used to signal the MK68564 SIO that
the CPU is acknowledging an interrupt. CS and IACK must not be asserted at the same
time.
IEI :
Interrupt Enable In (input, active low). IEI is used to signal the MK68564 SIO that no
higher priority device is requesting interrupt service.
IEO :
Interrupt Enable Out (output, active low). IEO is used to signal lower priority peripherals
that neither the MK68564 SIO nor another higher priority peripheral is requesting
interrupt service.
XTAL1, XTAL2 :
Baud Rate Generator inputs. A crystal may be connected between XTAL1 and XTAL2,
or XTAL1 may be driven with a TTL level clock. When using a crystal, external
capacitors must be connectd. When driving XTAL1 with a TTL level clock, XTAL2 must
be allowed to float.
RxRDYA, RxRDYB:
Receiver Ready (outputs, active low). Programmable DMA output for the receiver. The
RxRDY pins pulse low when a character is available in the receive buffer.
TxRDYA, TxRDYB :
Transmitter Ready (outputs, active low). Programmable DMA output for the transmitter.
The TxRDY pins pulse low when the transmit buffer is empty.
CTSA, CTSB :
Clear to Send (inputs, active low). If Tx Auto Enables is selected, these inputs enable
the transmitter of their respective channels. If Tx Auto Enables is not selected, these
inputs may be used as general purpose input pins. The inputs are Scmit-trigger
buffered to allow slow rise-time input signals.
DCDA, DCDB :
Data Carrier Detect (inputs, active low). If Rx Auto Enables is selected, these inputs
enable the receiver of their respective channels. If Rx Auto Enables is not selected,
these inputs may be used as general purpose input pins. The inputs are Schmit-trigger
buffered to allow slow rise-time input signals.
RxDA, RxDB :
Receive Data (inputs, active high). Serial data input to the receiver.
TxDA, TxDB :
Transmit Data (outputs, active high). Serial data output of the transmitter.
MK68564
2/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com