Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIM6892MS Datasheet(PDF) 18 Page - Sanken electric

Part # SIM6892MS
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6892MS Datasheet(HTML) 18 Page - Sanken electric

Back Button SIM6892MS Datasheet HTML 14Page - Sanken electric SIM6892MS Datasheet HTML 15Page - Sanken electric SIM6892MS Datasheet HTML 16Page - Sanken electric SIM6892MS Datasheet HTML 17Page - Sanken electric SIM6892MS Datasheet HTML 18Page - Sanken electric SIM6892MS Datasheet HTML 19Page - Sanken electric SIM6892MS Datasheet HTML 20Page - Sanken electric SIM6892MS Datasheet HTML 21Page - Sanken electric SIM6892MS Datasheet HTML 22Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
18
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
10. Physical Dimensions
● DIP40 Package
40
1
20
21
1.8
0.52
±0.3
7.6
+0.4
-0.3
±0.3
2-R1.5
33.782±0.3
+0.1
-0.05
±0.1
1.8
1.778 ±0.25
36
1.7 (min.)
Top view
Pin 1 indicator
Gate burr
(Ends of pins)
NOTES:
- Dimensions in millimeters
- Pb-free (RoHS compliant)
- The leads illustrated above are for reference only, and may not be actual states of being bent.
- Maximum gate burr height is 0.3 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com