Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIM6892MS Datasheet(PDF) 30 Page - Sanken electric

Part # SIM6892MS
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6892MS Datasheet(HTML) 30 Page - Sanken electric

Back Button SIM6892MS Datasheet HTML 26Page - Sanken electric SIM6892MS Datasheet HTML 27Page - Sanken electric SIM6892MS Datasheet HTML 28Page - Sanken electric SIM6892MS Datasheet HTML 29Page - Sanken electric SIM6892MS Datasheet HTML 30Page - Sanken electric SIM6892MS Datasheet HTML 31Page - Sanken electric SIM6892MS Datasheet HTML 32Page - Sanken electric SIM6892MS Datasheet HTML 33Page - Sanken electric SIM6892MS Datasheet HTML 34Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
30
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
14. Calculating Power Losses and
Estimating Junction Temperatures
This section describes the procedures to calculate
power losses in switching transistors, and to estimate a
junction temperature. Note that the descriptions listed
here are applicable to the SIM689xM series, which is
controlled by a 3-phase sine-wave PWM driving
strategy.
For quick and easy references, we offer calculation
support tools online. Please visit our website to find out
more.
● DT0050: Motor Driver ICs (with MOSFETs) Power
Loss Calculation Tool
https://www.semicon.sanken-ele.co.jp/en/calc-
tool/mosfet_caltool_en.html
● DT0052: Motor Driver ICs (with IGBTs) Power Loss
Calculation Tool
https://www.semicon.sanken-ele.co.jp/en/calc-
tool/igbtall_caltool_en.html
14.1 IGBT
Total power loss in an IGBT can be obtained by
taking the sum of steady-state loss, PON, and switching
loss, PSW. The following subsections contain the
mathematical procedures to calculate these losses (PON
and PSW) and the junction temperature of all IGBTs
operating.
14.1.1
IGBT Steady-state Loss, PON
Steady-state loss in an IGBT can be computed by
using the VCE(SAT) vs. IC curves, listed in Section 15.3.1.
As expressed by the curves in Figure 14-1, a linear
approximation at a range the IC is actually used is
obtained by: VCE(SAT) = α × IC + β. The values gained by
the above calculation are then applied as parameters in
Equation (4), below. Hence, the equation to obtain the
IGBT steady-state loss, PON, is:
PON =
1
2π
∫ VCE(SAT) (φ) × IC(φ) × DT × dφ
π
0
=
1
2
α (
1
2
+
4
3π
M × cos θ) IM
2
+
√2
π
β (
1
2
+
π
8
M × cos θ) IM .
(4)
Where:
VCE(SAT) is the collector-to-emitter saturation voltage of
the IGBT (V),
IC is the collector current of the IGBT (A),
DT is the duty cycle, which is given by
DT =
1 + M × sin(φ + θ)
2
,
M is the modulation index (0 to 1),
cosθ is the motor power factor (0 to 1),
IM is the effective motor current (A),
α is the slope of the linear approximation in the
VCE(SAT) vs. IC curve, and
β is the intercept of the linear approximation in the
VCE(SAT) vs. IC curve.
Figure 14-1.
Linear Approximate Equation of
VCE(SAT) vs. IC
14.1.2
IGBT Switching Loss, PSW
Switching loss in an IGBT can be calculated by
Equation (5), letting IM be the effective current value of
the motor:
PSW =
√2
π
× fC × αE × IM ×
VDC
300
.
(5)
Where:
fC is the PWM carrier frequency (Hz),
VDC is the main power supply voltage (V), i.e., the
VBB pin input voltage, and
αE is the slope of the switching loss curve (see Section
14.1.2).
y = 0.19x + 0.92
0.0
0.5
1.0
1.5
2.0
2.5
0
1
2
3
4
5
I
C (A)
125 °C
25 °C
75 °C
VCCx = 15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com