Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIM6892MS Datasheet(PDF) 24 Page - Sanken electric

Part # SIM6892MS
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6892MS Datasheet(HTML) 24 Page - Sanken electric

Back Button SIM6892MS Datasheet HTML 20Page - Sanken electric SIM6892MS Datasheet HTML 21Page - Sanken electric SIM6892MS Datasheet HTML 22Page - Sanken electric SIM6892MS Datasheet HTML 23Page - Sanken electric SIM6892MS Datasheet HTML 24Page - Sanken electric SIM6892MS Datasheet HTML 25Page - Sanken electric SIM6892MS Datasheet HTML 26Page - Sanken electric SIM6892MS Datasheet HTML 27Page - Sanken electric SIM6892MS Datasheet HTML 28Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
24
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
12.2.6
VBB
This is the input pin for the main supply voltage, i.e.,
the positive DC bus. All of the power MOSFET drains
(IGBT collectors) of the high-side are connected to this
pin. Voltages between the VBB and COMx pins should
be set within the recommended range of the main supply
voltage, VDC, given in Section 0.
To suppress surge voltages, put a 0.01 μF to 0.1 μF
bypass capacitor, CS, near the VBB pin and an
electrolytic capacitor, CDC, with a minimal length of
PCB traces to the VBB pin.
12.2.7
LS1, LS2, LS3A, and LS3B
These are the source (emitter) pins of the low-side
power MOSFETs (IGBTs). For current detection, the
LS1, LS2, and LS3A (LS3B) pins should be externally
connected to shunt resistors, RSx. In actual applications,
use either of the LS3A or LS3B pin because they are
internally connected.
When connecting a shunt resistor, use a resistor with
low inductance, and place it as near as possible to the IC
with a minimum length of traces to the LSx and COMx
pins. Otherwise, malfunction may occur because a
longer circuit trace increases its inductance and thus
increases its susceptibility to improper operations. In
applications where long PCB traces are required, add a
fast recovery diode, DRSx, between the LSx and COMx
pins in order to prevent the IC from malfunctioning.
COM1
VBB
LS3A
LS2
LS1
COM2
VDC
RS1
RS2
RS3
CDC
CS
11
1
2
28
16
6
Put a shunt resistor near the IC with
a minimum length to the LSx pin .
Add a fast recovery
diode to a long trace.
DRS1
DRS2
DRS3
U1
Figure 12-8.
Connections to LSx Pin
12.2.8
OCP
The OCP pin serves as the input for the overcurrent
protections which monitor the currents going through
the
output
transistors.
For
more
details
on
the
overcurrent protection (OCP), see Section 12.4.3.
12.2.9
FO
The FO pin operates as the fault signal output. For
more details on this function, see Section 12.4.1. Figure
12-9 illustrates an internal circuit diagram of the FO pin
and its peripheral circuit. Because of its open-collector
nature, the FO pin should be tied by a pull-up resistor,
RFO, to the external power supply. The external power
supply voltage (i.e., the FO Pin Pull-up Voltage, VFO)
should range from 3.0 V to 5.5 V. When the pull-up
resistor, RFO, has a too small resistance, the FO pin
voltage at fault signal output becomes high due to the
saturation voltage drop of a built-in transistor, QFO.
Therefore, it is recommended to use a 3.3 kΩ to 10 kΩ
pull-up resistor. To suppress noise, add a filter capacitor,
CFO, near the IC with minimizing a trace length between
the FO and COMx pins.
For avoiding repeated OCP activation, the external
microcontroller must shut off any input signals to the IC
within an OCP hold time, tP = 5 ms (min.), after the
internal transistor (QFO) turn-on. (For more details, see
Section 12.4.3) Our recommendation is to use a
0.001 μF to 0.01 μF filter capacitor.
5 V
50 Ω
100 kΩ
QFO
VFO
CFO
INT
RFO
U1
4
6
FO
COM2
Figure 12-9.
Internal Circuit Diagram of FO Pin and
Its Peripheral Circuit
12.2.10 VT
This pin outputs temperature sensing voltages. The
external microcontroller can monitor the junction
temperature of the internal control stage, not of the
output transistors, with the VT pin. Section 12.3
explains the configuration of the VT pin and its
peripheral circuit and the temperature sensing function.
12.3 Temperature Sensing Function
The
microcontroller
can
monitor
the
junction
temperature of the internal control stage, through
temperature sensing voltages that the VT pin outputs.
The IC must be set to stop its operation as it detects an
abnormal
heating
state
with
temperature
sensing
voltages. A typical example is turning off input signals
from the microcontroller. Figure 12-11 shows a relation
between the VT pin voltage and temperature. Table 12-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com