Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2-LPS Datasheet(PDF) 5 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 5 Page - STMicroelectronics

  S2-LPS Datasheet HTML 1Page - STMicroelectronics S2-LPS Datasheet HTML 2Page - STMicroelectronics S2-LPS Datasheet HTML 3Page - STMicroelectronics S2-LPS Datasheet HTML 4Page - STMicroelectronics S2-LPS Datasheet HTML 5Page - STMicroelectronics S2-LPS Datasheet HTML 6Page - STMicroelectronics S2-LPS Datasheet HTML 7Page - STMicroelectronics S2-LPS Datasheet HTML 8Page - STMicroelectronics S2-LPS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
2
Typical application diagram and pin description
This section describes three different application diagrams for the S2-LPS. Two main configurations are available:
HPM (high performance mode) configuration
LPM (low power mode) configuration
In the LPM operating mode the LDOs are bypassed and the SMPS provides the regulator voltage at 1.2 V. Note
that in LPM the PA is supplied from SMPS at 1.2 V (instead of 1.5 V as in HPM), so the max. output power
is lower than HPM. The figure below shows the suggested configuration with discrete matching network and
SMPS-ON.
Figure 2. Suggested application diagram (embedded SMPS used)
C29
C21
L8
C6
L7
C14
L6
S2-LP
VDDSMPS
1
SMPS1
2
SMPS2
3
XOUT
4
XIN
5
SDN
6
SCLK
18
SDI
17
SDO
16
VDDRXDIG
15
RXP
14
RXN
13
C0
C13
C2
C32
L5
C5
C30
C10
L9
XTAL
L0
C11
C3
L3
C16
L10
C28
C17
C4
C1
C31
SHUTDOWN
VBATT
VSMPS2
VSMPS2
VBATT
Digital interface
Figure 3. Suggested application diagram (embedded SMPS not used) shows the suggested configuration with
discrete matching network and SMPS-OFF mode.
S2-LPS
Typical application diagram and pin description
DS13831 - Rev 1
page 5/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com