Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2-LPS Datasheet(PDF) 40 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 40 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 36Page - STMicroelectronics S2-LPS Datasheet HTML 37Page - STMicroelectronics S2-LPS Datasheet HTML 38Page - STMicroelectronics S2-LPS Datasheet HTML 39Page - STMicroelectronics S2-LPS Datasheet HTML 40Page - STMicroelectronics S2-LPS Datasheet HTML 41Page - STMicroelectronics S2-LPS Datasheet HTML 42Page - STMicroelectronics S2-LPS Datasheet HTML 43Page - STMicroelectronics S2-LPS Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
6.3
Wireless MBUS packet (W-MBUS, EN13757-4)
The W-MBUS packet structure referred to EN13757 can be obtained through registers setting programming the
basic packet to fit the specific sub-mode used.
Preamble
Sync
1st block
2nd block
Opt. blocks
Postamble
Preamble: the preamble is fully programmable to fit the W-MBUS protocol. The generic setting is a pair of ‘01’ or
‘10’ from 1 pair to 1024 pairs (max. 256 bytes).
Sync: the pattern that identify the start of the frame is fully programmable to fit the W-MBUS protocol. The generic
setting is in value with a programmable length from 1 bit to 64 bytes, in steps of 1-bit length.
Data blocks: the data coding can be fully programmed in NRZ and Manchester.
Postamble: The packet postamble allows inserting a certain number of ‘01’ bit pairs at the end of the data packet.
The number of postamble bit pairs can be set through the MBUS_PSTMBL register depending on the chosen
sub-mode according to the W-MBUS protocol.
6.4
Payload transmission order
The bit order of the data from TX FIFO and written into the RX FIFO is controlled by the BYTE_SWAP register. In
particular, the transmission is MSB first if BYTE_SWAP = 0 and LSB first if BYTE_SWAP = 1.
6.5
Automatic packet filtering
The receiver uses the following filtering criteria to reject the received packet. The automatic filtering is supported
in BASIC and STack packet format only.
CRC: the received packet is discarded if CRC check fails. Both transmitter and receiver must be configured
with same CRC polynomial.
Destination address vs my address: the received packet is discarded if the destination address field
received does not match the programmed my address of the receiver.
Destination address vs. broadcast address: the received packet is discarded if the destination address
field received does not match the programmed broadcast address of the receiver.
Destination address vs. multicast address: the received packet is discarded if the destination address
field received does not match the programmed multicast address of the receiver.
Source address: the received packet is discarded if the source address received does not match the
programmed source address reference (a bit mask can be included). Supported in STack packet format only.
The automatic filtering can be programmed to discard packet below certain threshold settings. These kind of
filtering are general purpose and can be used with any packet format.
Carrier sense: The carrier sense (CS) functionality detects if any signal is being received, the detection is
based on the measured RSSI value. There are 2 operational modes for carrier sensing: static and dynamic.
In static CS mode, the CS is high when the measured RSSI is above the RSSI threshold specified and is
low when the RSSI is 3 dB below the threshold. In dynamic CS mode, the CS is high if the signal is above
the threshold and a fast power increase of 6, 12, or 18 dB is detected. The CS is also used internally for the
demodulator to start the AFC and timing recovery algorithms (static CS mode only).
PQI: It is possible to set a PQI threshold in such a way that, if PQI is below the threshold, the packet
demodulation is automatically aborted.
SQI: It is possible to set a SQI threshold in such a way that, if SQI is below the threshold, the packet
demodulation is automatically aborted. When the SQI threshold is set at 0, a perfect match is required. It is
recommended to always enable the SQI check.
6.5.1
CRC
Error detection is implemented by means of cyclic redundancy check codes. The CRC is calculated over all fields
excluding preamble and SYNC word. The length of the checksum is programmable to 8, 16, 24 or 32 bits. The
following standard CRC polynomials can be selected:
mode 1: 8 bits: the poly is (0x07) X8+X2+X+1
S2-LPS
Wireless MBUS packet (W-MBUS, EN13757-4)
DS13831 - Rev 1
page 40/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com