Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2-LPS Datasheet(PDF) 25 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 25 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 21Page - STMicroelectronics S2-LPS Datasheet HTML 22Page - STMicroelectronics S2-LPS Datasheet HTML 23Page - STMicroelectronics S2-LPS Datasheet HTML 24Page - STMicroelectronics S2-LPS Datasheet HTML 25Page - STMicroelectronics S2-LPS Datasheet HTML 26Page - STMicroelectronics S2-LPS Datasheet HTML 27Page - STMicroelectronics S2-LPS Datasheet HTML 28Page - STMicroelectronics S2-LPS Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
Where
fdev_programmedisthefrequencydeviationprogrammedinthechipbytheregistersMOD[1:0](see
Section 4.4.1 Frequency modulation),
fdev_fifo_sampleisthefirstbyteofthebytescouplesampledfromthe
TX_FIFO.
The
fdev_fifo_sampleisinterpretedasa2-complement8-bitnumber,thusitcanbeeitherapositiveora
negative value.
The instantaneous frequency is given by the formula:
Instantaneous frequency in polar mode
f=fc_programmed+ fdev
(12)
The second byte of the TX_FIFO couple drives the PA giving an instantaneous output power.
The output power will be generated according to this value following the same code as the PA_POWER registers
(see Section 4.4.6.1 PA configuration).
Figure 9. Direct polar mode shows how the byte couples are sampled from the TX FIFO and sent to the SYNTH
and PA blocks.
Figure 9. Direct polar mode
As for the normal TX operations, the TX_FIFO samples are consumed and a management of the
TX_FIFO_THRESHOLD is needed to perform transmissions longer than 128 samples.
The transmission is never automatically stopped and a specific command SABORT should be given to terminate
it.
4.4.4
Test modes
4.4.4.1
Continuous wave
The device can be programmed to generate a continuous wave carrier without any modulation. In this way, the
carrier will be continuously transmitted until a SABORT command is sent to the device.
To set the continuous wave the MOD_TYPE field (of the MOD2 register) must be set to 0x77.
4.4.4.2
PN9
It is possible to set a pseudo random binary sequence 9 (PN9) as data source for the modulator. In this way,
these data are continuously modulated until a SABORT command is sent to the device.
The TXSOURCE field (of the PCKTCTRL1 register) must be set to 0x03.
4.4.4.3
Data rate
The data rate programmable is from 0.1 kbps to 500 kbps (see Table 12. General characteristics) for further
details).
The data rate formula that relates the value of the DATARATE_M and DATARATE_E registers to the data rate in
symbol per second is the following:
Data rate formula
S2-LPS
Digital modulator
DS13831 - Rev 1
page 25/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com