Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2-LPS Datasheet(PDF) 1 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 1 Page - STMicroelectronics

  S2-LPS Datasheet HTML 1Page - STMicroelectronics S2-LPS Datasheet HTML 2Page - STMicroelectronics S2-LPS Datasheet HTML 3Page - STMicroelectronics S2-LPS Datasheet HTML 4Page - STMicroelectronics S2-LPS Datasheet HTML 5Page - STMicroelectronics S2-LPS Datasheet HTML 6Page - STMicroelectronics S2-LPS Datasheet HTML 7Page - STMicroelectronics S2-LPS Datasheet HTML 8Page - STMicroelectronics S2-LPS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
Features
Frequency bands:
433-434 MHz (S2-LPSQTR)
868-870 MHz (S2-LPSQTR)
Modulation schemes:
2(G)FSK
OOK, ASK
Air data rate from 0.1 to 500 kbps
Ultra-low power consumption:
7 mA RX
10 mA TX @ +10 dBm
Excellent performance of receiver sensitivity: down to -130 dBm
Excellent receiver selectivity and blocking
Programmable RF output power up to +16 dBm
Programmable RX digital filter
Programmable channel spacing
Fast start-up and frequency synthesizer settling time
Automatic frequency offset compensation, AGC and symbol timing recovery
More than 145 dB RF link budget
Battery indicator and low battery detector
RX and TX 128 bytes FIFO buffers
4-wire SPI interface
Embedded timeout protocol engine
Excellent receiver selectivity (> 80 dB @ 2 MHz)
ST companion integrated balun/filter chips are available
Antenna diversity algorithm
Fully integrated ultra-low power RC oscillator
Wake-up driven by internal timer or external event
Digital real time RSSI
Flexible packet length with dynamic payload length
Programmable preamble and SYNC word quality filtering and detection
KNX-RF supported
Suitable to build systems targeting:
Europe: ETSI EN 300 220, category 1.5 natively compliant, ETSI EN 303
131
US: FCC part 15 and part 90
Japan: ARIB STD T67, T108
China: SRRC
Operating temperature range: -40 °C to +85 °C
Applications
Sensors to Cloud
Product status link
S2-LPS
Ultra-low power, high performance, sub-1 GHz transceiver
S2-LPS
Datasheet
DS13831 - Rev 1 - February 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - S2-LPS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
S2-LP STMICROELECTRONICS-S2-LP Datasheet
3Mb / 90P
Excellent receiver selectivity and blocking
08-Nov-2016
S2-LP STMICROELECTRONICS-S2-LP Datasheet
176Kb / 5P
Sub-1 GHz 915 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
November 2019
S2-LP STMICROELECTRONICS-S2-LP Datasheet
1Mb / 5P
Sub-1 GHz 868 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
December 2019
S2-LPQTR STMICROELECTRONICS-S2-LPQTR Datasheet
3Mb / 90P
Excellent receiver selectivity and blocking
08-Nov-2016
S2-LPTXQTR STMICROELECTRONICS-S2-LPTXQTR Datasheet
2Mb / 64P
Sub-1 GHz proprietary radio transmitter
Rev 1
More results

Similar Description - S2-LPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1100RTK TI1-CC1100RTK Datasheet
1Mb / 100P
Low-Power Sub- 1 GHz RF Transceiver
CC1101RGPR TI-CC1101RGPR Datasheet
2Mb / 105P
Low-Power Sub-1 GHz RF Transceiver
logo
List of Unclassifed Man...
RFM73 ETC2-RFM73 Datasheet
1Mb / 27P
Low Power High Performance 2.4 GHz GFSK Transceiver
RFM75 ETC2-RFM75 Datasheet
757Kb / 27P
Low Power High Performance 2.4 GHz GFSK Transceiver
RFM75P ETC2-RFM75P Datasheet
612Kb / 26P
Low Power High Performance 2.4 GHz GFSK Transceiver
TRW-24G2 ETC2-TRW-24G2 Datasheet
1Mb / 22P
Low Power High Performance 2.4 GHz GFSK Transceiver
logo
Texas Instruments
CC1100 TI1-CC1100_14 Datasheet
1Mb / 100P
Low-Power Sub- 1 GHz RF Transceiver
CC1101 TI1-CC1101_15 Datasheet
1Mb / 105P
Low-Power Sub-1 GHz RF Transceiver
logo
Silicon Laboratories
1060-915-DK SILABS-1060-915-DK Datasheet
1Mb / 3P
ULTRA-LOW POWER MCU WITH INTEGRATED HIGH-PERFORMANCE SUB-1 GHZ TRANSCEIVER
logo
List of Unclassifed Man...
BK2425 ETC2-BK2425 Datasheet
1Mb / 30P
Low Power High Performance 2.4 GHz GFSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com